Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA13 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA13
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA13 Datasheet(HTML) 2 Page - Cirrus Logic

  PA13 Datasheet HTML 1Page - Cirrus Logic PA13 Datasheet HTML 2Page - Cirrus Logic PA13 Datasheet HTML 3Page - Cirrus Logic PA13 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PA13
PA13A
PARAMETER
TEST CONDITIONS 2, 5
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±2
±6
±1
±4
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
±10
±65
*
±40
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±30
±200
*
*
µV/V
OFFSET VOLTAGE, vs. power
T
C = 25°C
±20
*
µV/W
BIAS CURRENT, initial
T
C = 25°C
±12
±30
±10
±20
nA
BIAS CURRENT, vs. temperature
Full temperature range
±50
±500
*
*
pA/°C
BIAS CURRENT, vs. supply
T
C = 25°C
±10
*
pA/V
OFFSET CURRENT, initial
T
C = 25°C
±12
±30
±5
±10
nA
OFFSET CURRENT, vs. temperature
Full temperature range
±50
*
pA/°C
INPUT IMPEDANCE, DC
T
C = 25°C
200
*
MΩ
INPUT CAPACITANCE
T
C = 25°C
3
*
pF
COMMON MODE VOLTAGE RANGE3
Full temperature range
±V
S –5
±V
S –3
*
*
V
COMMON MODE REJECTION, DC
Full temp. range, V
CM = ±VS –6V
74
100
*
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
T
C = 25°C, 1KΩ load
110
*
dB
OPEN LOOP GAIN at 10Hz
Full temp. range, 8Ω load
96
108
*
*
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
T
C = 25°C, 8Ω load
4
*
MHz
POWER BANDWIDTH
T
C = 25°C, 8Ω load
13
20
*
*
kHz
PHASE MARGIN , A
V = +4
Full temp. range, 8Ω load
20
*
°
OUTPUT
VOLTAGE SWING3
T
C = 25°C, PA13 = 10A, PA13A = 15A
±V
S –6
*
V
VOLTAGE SWING3
T
C = 25°C, IO = 5A
±V
S –5
*
V
VOLTAGE SWING3
Full temp. range, I
O = 80mA
±V
S–5
*
V
CURRENT, peak
T
C = 25°C
10
15
A
SETTLING TIME to .1%
T
C = 25°C, 2V step
2
*
µs
SLEW RATE
T
C = 25°C
2.5
4
*
*
V/µs
CAPACITIVE LOAD
Full temperature range, A
V = 4
1.5
*
nF
CAPACITIVE LOAD
Full temperature range, A
V > 10
SOA
*
POWER SUPPLY
VOLTAGE
Full temperature range
±10
±40
±45
*
*
*
V
CURRENT, quiescent
T
C = 25°C
25
50
*
*
mA
THERMAL
RESISTANCE, AC, junction to case4
T
C = –55 to +125°C, F > 60Hz
.6
.7
*
*
°C/W
RESISTANCE, DC, junction to case
T
C = –55 to +125°C
.9
1.1
*
*
°C/W
RESISTANCE, DC, junction to air
T
C = –55 to +125°C
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specification
–25
+85
*
*
°C
PA13
NOTES:
* The specification of PA13A is identical to the specification for PA13 in the applicable column to the left
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. The power supply voltage for all tests is ±40, unless otherwise noted as a test condition.
3. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5. Full temperature range specifications are guaranteed but not 100% tested.
PA13/PA13A
SUPPLY VOLTAGE, +Vs to –Vs
100V
OUTPUT CURRENT, within SOA
15A
POWER DISSIPATION, internal
135W
INPUT VOLTAGE, differential
±V
S –3V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder -10s max.
260°C
TEMPERATURE, junction1
175°C
TEMPERATURE RANGE, storage
–40 to +85°C
OPERATING TEMPERATURE RANGE, case
–25 to +85°C
The exposed substrate contains beryllia (BeO). Do not crush, machine, or subject to temperatures in excess of 850°C to
avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com