Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF2305B Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2305B
Description  P-Channel 16-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2305B Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2305B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2305B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2305B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2305B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2305B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF2305B Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
TF2305B
2
MOSFET ELECTRICAL CHARACTERISTICS
Ta =25 ℃ unless otherwise specified
Parameter
Symbol
Test Condition
Min
Typ
Max Units
Static
Drain-source breakdown voltage
V(BR)DSS VGS = 0V, ID =-250µA
-16
V
Gate-source threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-0.5
-0.7
-1
Gate-source leakage
IGSS
VDS =0V, VGS =±10V
±100
nA
Zero gate voltage drain current
IDSS
VDS =-15V, VGS =0V
-1
µA
Drain-source on-state resistance a
RDS(on)
VGS =-4.5V, ID =-4.0A
0.045
0.050
Ω
VGS =-2.5V, ID =-3.0A
0.075
0.080
Forward transconductance a
gfs
VDS =-5V, ID =-2.0A
5.0
S
Dynamicb
Input capacitance
Ciss
405
VDS =-10V,VGS =0V,f =1MHz
pF
Output capacitance
Coss
112
Reverse transfer capacitance
Crss
89
Total gate charge
Qg
9.0
nC
VDS =-10V,VGS =-4.5V,ID =-2.5A
Gate-source charge
Qgs
1.0
Gate-drain charge
Qgd
2.5
Gate resistance
Rg
f =1MHz
7.0
Ω
Turn-on delay time
td(on)
VDD=-10V,
11.0
Rise time
tr
35.0
RL=2.9Ω,
ns
Turn-off delay time
td(off)
30.0
VGEN=-4.5V,Rg=10Ω
Fall time
tf
10.0
Drain-source body diode characteristics
Continuous source-drain diode current
IS
TC=25
℃
-1.4
A
Pulse diode forward current a
ISM
-10
Body diode voltage
VSD
IS=-3.0A
-0.8
-1.2
V
Notes :
a.Pulse Test : Pulse Width < 300µs, Duty Cycle ≤2%.
b.Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com