Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF8821 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF8821
Description  N -CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF8821 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF8821 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF8821 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF8821 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF8821 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF8821 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TF8821
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
1
www.sztuofeng.com
2021 V1.2
●Ordering Information:
●Absolute Maximum Ratings
(T
C =25
℃
)
● General Description
The TF8821 combines advanced trench
Mosfet technology with a low resistance package
to provide extremely low R
DS(ON)
.This device is ideal
for load switch and battery protection applications.
● Features
Advance high cell density Trench technology
Low RDS(ON) to minimize conductive loss
Low Gate Charge for fast switching
Low Thermal resistance
●Application
Battery Protection
Load Switch
Power Management
● Product Summary
Part NO.
TF8821
Marking 1
MOQ
5000
8821:Part No.
Marking 2
Y:year code; X:Week; AA:device code;
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
19
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID@TC=25
℃
15
A
ID@TC=75
℃
11
A
ID @TC=100
℃
9
A
Pulsed Drain Current ①
IDM
45
A
Total Power Dissipation
PD@TC=25
℃
12
W
Total Power Dissipation
PD@TA=25
℃
0.8
W
Operating Junction Temperature
T J
-55 to 150
℃
Storage Temperature
TSTG
-55 to 150
℃
Note:
① Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2% ;
V(BR)DSS
RDS(on) TYP
ID
19V
5.0mΩ @ 4.5V
15A
@ 2.5V
Max
6.1mΩ
DFN3x3-8L
AYXA
8821
TF
TF:tuofeng;
NOV.


Similar Part No. - TF8821

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF80-10 RHOMBUS-IND-TF80-10 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF80-10 RHOMBUS-IND-TF80-10 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF80-5 RHOMBUS-IND-TF80-5 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF80-5 RHOMBUS-IND-TF80-5 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF80-7 RHOMBUS-IND-TF80-7 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF8821

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com