Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA62 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA62
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA62 Datasheet(HTML) 2 Page - Cirrus Logic

  PA62 Datasheet HTML 1Page - Cirrus Logic PA62 Datasheet HTML 2Page - Cirrus Logic PA62 Datasheet HTML 3Page - Cirrus Logic PA62 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PARAMETER
TEST CONDITIONS1,2
MIN
TYP
MAX
UNTS
INPUT
OFFSET VOLTAGE, initial
1
15
mV
OFFSET VOLTAGE, vs. temperature
Full temp range
20
µV/°C
BIAS CURRENT, initial
100
500
nA
COMMON MODE RANGE
Full temp range
-Vs
+Vs
V
COMMON MODE REJECTION, DC
60
90
dB
POWER SUPPLY REJECTION
Full temp range
60
90
dB
CHANNEL SEPARATION
I
OUT = 500mA, ƒ = 1kHz
50
68
dB
INPUT NOISE VOLTAGE
R
S = 100Ω, ƒ = 1 to 100kHz
22
nV/√Hz
GAIN
OPEN LOOP GAIN
V
O = ±10V, RL = 2.0KΩ
89
100
dB
GAIN BANDWIDTH PRODUCT
ƒ = 100kHz, C
L = 100pF, RL = 2.0KΩ
0.9
1.4
MHz
PHASE MARGIN
Full temp range
65
°C
POWER BANDWIDTH
V
O(P-P) = 28V
13.6
kHz
OUTPUT
CURRENT, peak
1.0
A
SLEW RATE
1.0
1.4
V/µS
VOLTAGE SWING
Full temp range, I
O = 100mA
|Vs| -1.1
|Vs| -0.8
V
VOLTAGE SWING
Full temp range, I
O = 1A
|Vs| -1.8
|Vs| -1.4
V
HARMONIC DISTORTION
A
V = 1, RL = 50Ω,
.02
%
V
O = .5VRMS, ƒ = 1kHz
POWER SUPPLY
VOLTAGE, Vss3
5
30
40
V
CURRENT, quiescent +Vs (A/B)
8
10
mA
CURRENT, quiescent +Vs (C/D)
8
10
mA
CURRENT, quiescent total
16
20
mA
THERMAL
RESISTANCE, junction to case
DC, 1 amplifier
7.16
7.87
°C/W
DC, 2 amplifiers4
4.69
5.16
°C/W
DC, 3 amplifiers4
3.08
3.39
°C/W
DC, 4 amplifiers4
2.51
2.77
°C/W
AC, 1 amplifier
5.37
5.90
°C/W
AC, 2 amplifiers4
3.52
3.87
°C/W
AC, 3 amplifiers4
2.31
2.54
°C/W
AC, 4 amplifiers4
1.89
2.07
°C/W
RESISTANCE, junction to air6
25
°C/W
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PA62
Notes
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. Unless otherwise noted, the following conditions apply: ±V
S = ±15V, T C =25°C.
3. +V
S and -VS denote the positive and negative rail respectively. VSS denotes total rail-to-rail supply.
4. Rating applies when power dissipation is equal in each of the amplifiers. Power and thermal ratings are based on two separate
dual monolithic power op-amps on one integrated copper heatslug. Amplifiers A and B are combined on one monolithic die while
amplifiers C and D are on the other.
5. If -V
S is disconnected before +VS, a diode between -VS and ground is recommended to avoid damage.
6. Rating applies when the heatslug of the DK package is soldered to a minimum of 1 square inch foil area of a printed circuit
board.
SUPPLY VOLTAGE, total
5V to 40V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal (1 amplifier)
15.88W
POWER DISSIPATION, internal (2 amplifiers)4
24.21W
POWER DISSIPATION, internal (3 amplifiers)4
36.90W
POWER DISSIPATION, internal (4 amplifiers)4
45.20W
INPUT VOLTAGE, differential
±Vs
INPUT VOLTAGE, common mode
+Vs,-Vs-.5V
JUNCTION TEMPERATURE, max1
150°C
TEMPERATURE, pin solder - 10 secs max.
220°C
TEMP RANGE STORAGE
-55°C to 150°C
OPERATING TEMP RANGE, case1
-40°C to 125°C
SPECIFICATIONS (PER AMPLIFIER)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com