Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA69 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA69
Description  POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA69 Datasheet(HTML) 2 Page - Cirrus Logic

  PA69 Datasheet HTML 1Page - Cirrus Logic PA69 Datasheet HTML 2Page - Cirrus Logic PA69 Datasheet HTML 3Page - Cirrus Logic PA69 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to −VS
200V
OUTPUT CURRENT, peak
100mA, within SOA
POWER DISSIPATION, internal, DC
23W
INPUT VOLTAGE, Differential
±15V
INPUT VOLTAGE, Common Mode
±Vs
TEMPERATURE, pin solder, 10s
300
TEMPERATURE, junction2
150°C.
TEMPERATURE RANGE, storage
−55 to 125°C.
OPERATING TEMPERATURE, case
-40 to 125°C
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE
8
25
mV
OFFSET VOLTAGE vs. temperature
0 to 125°C (Case Temperature)
-63
µV/°C
OFFSET VOLTAGE vs. supply
µV/V
BIAS CURRENT, initial3
8.5
pA
BIAS CURRENT vs. supply
pA/V
OFFSET CURRENT, initial
12
pA
INPUT RESISTANCE, DC
106
Ω
INPUT CAPACITANCE
pF
COMMON MODE VOLTAGE RANGE, pos.
+V
S - 2
V
COMMON MODE VOLTAGE RANGE, neg.
-V
S + 5.5
V
COMMON MODE REJECTION, DC
90
dB
NOISE
1MHz bandwidth, 1kΩR
S
µV RMS
GAIN
OPEN LOOP @ 15Hz
120
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
1
MHz
PHASE MARGIN
Full temperature range
50
°
OUTPUT
VOLTAGE SWING
I
O = 10mA
|V
S| - 2
V
VOLTAGE SWING
I
O = 50mA
|V
S| - 10
V
CURRENT, continuous, DC
50
mA
SLEW RATE
Package Tab connected to GND
200
V/µS
SETTLING TIME, to 0.1%
2V Step
TBD
µS
POWER BANDWIDTH, 200V
P-P
+V
S = 100V, −VS = -100V
200
kHz
POWER SUPPLY
VOLTAGE
±10
±100
V
CURRENT, quiescent
0.7
2.5
mA
THERMAL
RESISTANCE, AC, junction to case5
Full temperature range, f ≥ 60Hz
°C/W
RESISTANCE, DC, junction to case
Full temperature range, f < 60Hz
5.5
°C/W
RESISTANCE, junction to air
Full temperature range
°C/W
TEMPERATURE RANGE, case
−40
85
°C
PA69
NOTES: 1. Unless otherwise noted: TC = 25°C, DC input specifications are ± value given, power supply voltage is typical rating.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation to achieve
high MTTF.
3. Doubles for every 10oC of temperature increase.
4. +V
S and –VS denote the positive and negative supply voltages yo the output stage.
5. Rating applies if output current alternates between both output transistors at a rate faster than 60Hz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com