Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA75 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA75
Description  DUAL POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA75 Datasheet(HTML) 2 Page - Cirrus Logic

  PA75 Datasheet HTML 1Page - Cirrus Logic PA75 Datasheet HTML 2Page - Cirrus Logic PA75 Datasheet HTML 3Page - Cirrus Logic PA75 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PARAMETER
TESTCONDITIONS 2
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
1
15
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
20
µV/°C
BIAS CURRENT, initial
100
500
nA
COMMON MODE RANGE
Full temperature range
–VS
+VS–1.3
V
COMMON MODE REJECTION, DC
Full temperature range
60
90
dB
POWER SUPPLY REJECTION
Full temperature range
60
90
dB
CHANNEL SEPARATION
IOUT = 500mA, ƒ = 1kHz
50
68
dB
INPUT NOISE VOLTAGE
RS = 100Ω, ƒ = 1 to 100kHz
22
nV/√Hz
GAIN
OPEN LOOP GAIN
Full temperature range
89
100
dB
GAIN BANDWIDTH PRODUCT
AV = 40dB
0.9
1.4
MHz
PHASE MARGIN
Full temperature range, RL = 2KΩ, CL = 100pF
65
°
POWER BANDWIDTH
VO(P-P) = 28V
13.6
kHz
OUTPUT
CURRENT, peak
1.5
A
SLEW RATE
1
1.4
V/µs
VOLTAGE SWING
Full Temperature Range, IO = 100mA
|VS| - 1.1
|VS| - .8
V
VOLTAGE SWING
Full Temperature Range, IO = 1A
|VS| - 1.8
|VS| - 1.4
V
HARMONIC DISTORTION
AV = 1, R2 = 50Ω, VO = .5VRMS, ƒ = 1kHz
.02
%
POWERSUPPLY
VOLTAGE, VSS3
5
30
40
V
CURRENT, quiescent, total
8
10
mA
THERMAL
RESISTANCE,DC junction to case (single)
5.84
6.42
°C/W
RESISTANCE,AC junction to case (single)
4.38
4.81
°C/W
RESISTANCE,DC junction to case (both)
3.97
4.36
°C/W
RESISTANCE,AC junction to case (both)
2.98
3.27
°C/W
RESISTANCE,junction to air (CD,CX)
60
°C/W
RESISTANCE,junction to air (CC)4
27
°C/W
TEMPERATURE RANGE,case
Meets full range specifications
–25
85
°C
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PA75
SPECIFICATIONS
SUPPLY VOLTAGE, total
5V to 40V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal, (per amplifier)
19.5W
POWER DISSIPATION, internal (both amplifiers)
28.6W
INPUT VOLTAGE, differential
±VS
INPUT VOLTAGE, common mode
+VS, -VS–0.5V
JUNCTION TEMPERATURE, max1
150°C
TEMPERATURE, pin solder—10 sec max
220°C
TEMPERATURE RANGE, storage
–55°C to 150°C
OPERATING TEMPERATURE RANGE, case
–40°C to 125°C
NOTES: 1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. Unless otherwise noted, the following conditions apply: ±VS = ±15V, TC = 25°C.
3. +VS and –VS denote the positive and negative supply rail respectively. VSS denotes the total rail-to-rail supply voltage.
4. Heat tab attached to 3/32" FR-4 board with 2oz. copper. Topside copper area (heat tab directly attached) = 1000 sq. mm, back-
side copper area = 2500 sq. mm, board area = 2500 sq. mm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com