Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA79 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA79
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA79 Datasheet(HTML) 2 Page - Cirrus Logic

  PA79 Datasheet HTML 1Page - Cirrus Logic PA79 Datasheet HTML 2Page - Cirrus Logic PA79 Datasheet HTML 3Page - Cirrus Logic PA79 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to −VS
350V
OUTPUT CURRENT, peak
200mA, within SOA
POWER DISSIPATION, internal, DC
TBD
INPUT VOLTAGE, Differential
±15V
INPUT VOLTAGE, Common Mode
±Vs
TEMPERATURE, pin solder, 10s
TBD
TEMPERATURE, junction2
150°C.
TEMPERATURE RANGE, storage
−55 to 125°C.
OPERATING TEMPERATURE, case
−40 to 125°C
PARAMETER
TESTCONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE
8
40
mV
OFFSET VOLTAGE vs. temperature
0 to 125°C (CaseTemperature)
−63
µV/°C
OFFSET VOLTAGE vs. supply
32
µV/V
BIAS CURRENT, initial3
8.5
200
pA
BIAS CURRENT vs. supply
pA/V
OFFSET CURRENT, initial
12
400
pA
INPUT RESISTANCE, DC
106
INPUT CAPACITANCE
pF
COMMON MODE VOLTAGE RANGE, pos.
+V
S - 2
V
COMMON MODE VOLTAGE RANGE, neg.
-V
S + 5.5
V
COMMON MODE REJECTION, DC
90
TBD
dB
NOISE
1MHz bandwidth, 1kΩR
S
µV RMS
GAIN
OPEN LOOP @ 15Hz
89
120
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
1
MHz
PHASE MARGIN
Full temperature range
50
°
OUTPUT
VOLTAGE SWING
I
O = 10mA
|V
S| − 2
V
VOLTAGE SWING
I
O = 100mA
TBD
|V
S| − 12
V
VOLTAGE SWING
I
O = 150mA
|V
S| − 10
V
CURRENT, continuous, DC
150
mA
SLEW RATE
PackageTabConnectedtoGND
100
350
V/µS
SETTLING TIME, to 0.1%
2V Step
TBD
µS
POWER BANDWIDTH, 300V
P-P
+V
S = 160V, −VS = -160V
200
kHz
POWERSUPPLY
VOLTAGE
±10
±150
±175
V
CURRENT, quiescent
±150V Supply
0.2
0.7
2.5
mA
THERMAL
RESISTANCE, AC, junction to case5
Full temperature range, f ≥ 60Hz
°C/W
RESISTANCE, DC, junction to case
Full temperature range, f < 60Hz
TBD
°C/W
RESISTANCE, junction to air
Full temperature range
°C/W
TEMPERATURE RANGE, case
−40
85
°C
PA79
NOTES: 1. Unless otherwise noted: TC = 25°C, DC input specifications are ± value given, power supply voltage is typical rating. Ratings
apply to one amplifier.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation to achieve
high MTTF.
3. Doubles for every 10oC of temperature increase.
4. +V
S and –VS denote the positive and negative supply voltages of the output stage.
5. Rating applies if output current alternates between both output transistors at a rate faster than 60Hz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com