Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP19WNH Datasheet(PDF) 4 Page - Quelighting Corp

Part # QLSP19WNH
Description  This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP19WNH Datasheet(HTML) 4 Page - Quelighting Corp

  QLSP19WNH Datasheet HTML 1Page - Quelighting Corp QLSP19WNH Datasheet HTML 2Page - Quelighting Corp QLSP19WNH Datasheet HTML 3Page - Quelighting Corp QLSP19WNH Datasheet HTML 4Page - Quelighting Corp QLSP19WNH Datasheet HTML 5Page - Quelighting Corp QLSP19WNH Datasheet HTML 6Page - Quelighting Corp QLSP19WNH Datasheet HTML 7Page - Quelighting Corp QLSP19WNH Datasheet HTML 8Page - Quelighting Corp QLSP19WNH Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3
QLSP19WXH-251 V1.4
◼
Product Selection with Ta=25
℃, Test current 150mA
Product
Color
IF(mA)
VF(V)
CCT
CRI
Luminous Flux(lm)*
Typical
Efficacy
(lm/W)
Typ.
max
Typ
Min
typ.
QLSP19WW1H
Warm White
150
3.0
3.2
2700
80
55
68
151
QLSP19WW2H
Warm White
150
3.0
3.2
3000
80
55
71
158
QLSP19WNH
Neutral White
150
3.0
3.2
4000
80
55
77
171
QLSP19WPH
Pure White
150
3.0
3.2
5000
80
60
77
171
QLSP19WC1H
Cold White
150
3.0
3.2
5700
80
60
77
171
QLSP19WC2H
Cold White
150
3.0
3.2
6500
80
60
75
169
*Tolerance = +/- 10%
◼ Electrical / Optical Characteristic
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward voltage(1)
Vf
If=150mA
2.8
-
3.2
V
Color Rendering Index(2)
Ra
80
-
-
-
View angle
θ
-
120
-
Deg
Thermal Resistance(3)
Rth
-
25
-
℃/W
(1) The forward voltage tolerance is ± 0.1V
(2) The Color Rendering Index tolerance is ± 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com