Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP19WNK Datasheet(PDF) 4 Page - Quelighting Corp

Part # QLSP19WNK
Description  This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP19WNK Datasheet(HTML) 4 Page - Quelighting Corp

  QLSP19WNK Datasheet HTML 1Page - Quelighting Corp QLSP19WNK Datasheet HTML 2Page - Quelighting Corp QLSP19WNK Datasheet HTML 3Page - Quelighting Corp QLSP19WNK Datasheet HTML 4Page - Quelighting Corp QLSP19WNK Datasheet HTML 5Page - Quelighting Corp QLSP19WNK Datasheet HTML 6Page - Quelighting Corp QLSP19WNK Datasheet HTML 7Page - Quelighting Corp QLSP19WNK Datasheet HTML 8Page - Quelighting Corp QLSP19WNK Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3
QLSP19WXK-255 V1.1
◼
Product Selection with Ta=25
℃, Test current 60mA
Product
Color
IF(mA)
VF(V)
CCT
CRI
Luminous Flux(lm)*
Typical
Efficacy
(lm/W)
Typ.
max
Typ
Min
typ.
QLSP19WW1K
Warm White
60
2.9
3.2
2700
80
27
155
QLSP19WW2K
Warm White
60
2.9
3.2
3000
80
28
161
QLSP19WNK
Neutral White
60
2.9
3.2
4000
80
28
161
QLSP19WPK
Pure White
60
2.9
3.2
5000
80
29
167
QLSP19WC1K
Cold White
60
2.9
3.2
5700
80
29
167
QLSP19WC2K
Cold White
60
2.9
3.2
6500
80
29
167
*Tolerance = +/- 10%
◼ Electrical / Optical Characteristic
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward voltage(1)
Vf
If=60mA
2.8
-
3.2
V
Color Rendering Index(2)
Ra
80
-
-
-
View angle
θ
-
120
-
Deg
Thermal Resistance(3)
Rth
-
25
-
℃/W
(1) The forward voltage tolerance is ± 0.1V
(2) The Color Rendering Index tolerance is ± 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com