Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA03 Datasheet(PDF) 4 Page - Cirrus Logic

Part # SA03
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA03 Datasheet(HTML) 4 Page - Cirrus Logic

  SA03 Datasheet HTML 1Page - Cirrus Logic SA03 Datasheet HTML 2Page - Cirrus Logic SA03 Datasheet HTML 3Page - Cirrus Logic SA03 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
spikes will invariably be found
at the I SENSE pins. The noise
spikes could trip the current limit
threshold which is only 100 mV.
R
FILTER and CFILTER should be ad-
justed so as to reduce the switch-
ing noise well below 100 mV to
prevent false current limiting.
The sum of the
DC level plus
the noise peak
will determine
the current limit-
ing value. As in
most switching
circuits it may be difficult to determine the true noise amplitude
without careful attention to grounding of the oscilloscope probe.
Use the shortest possible ground lead for the probe and con-
nect exactly at the GND terminal of the amplifier. Suggested
starting values are C
FILTER = .01uF, RFILTER = 5k .
The required value of R
LIMIT in voltage mode may be cal-
culated by:
R
LIMIT = .1 V / ILIMIT
where R
LIMIT is the required resistor value, and ILIMIT is the
maximum desired current. In current mode the required value
of each R
LIMIT is 2 times this value since the sense voltage is
divided down by 2 (see Figure B). If R
SHDN is used it will further
divide down the sense voltage. The shutdown divider network
will also have an effect on the filtering circuit.
BYPASSING
Adequate bypassing of the power supplies is required for
proper operation. Failure to do so can cause erratic and low
efficiency operation as well as excessive ringing at the out-
puts. The Vs supply should be bypassed with at least a 1µF
ceramic capacitor in parallel with another low ESR capacitor
of at least 10µF per amp of output current. Capacitor types
rated for switching applications are the only types that should
be considered. The bypass capacitors must be physically
connected directly to the power supply pins. Even one inch of
lead length will cause excessive ringing at the outputs. This is
due to the very fast switching times and the inductance of the
lead connection. The bypassing requirements of the Vcc supply
are less stringent, but still necessary. A .1µF to .47µF ceramic
capacitor connected directly to the Vcc pin will suffice.
STARTUP CONDITIONS
The high side of the all N channel output bridge circuit is
driven by bootstrap circuit and charge pump arrangement. In
order for the circuit to produce a 100% duty cycle indefinitely
the low side of each half bridge circuit must have previously
been in the ON condition. This means, in turn, that if the input
signal to the SA03 at startup is demanding a 100% duty cycle,
the output may not follow the command and may be in a tri-
state condition. The ramp signal must cross the input signal
at some point to correctly determine the output state. After
the ramp crosses the input signal level one time, the output
state will be correct thereafter.
���������
���������
������������ �
�������
��������
�������
������
��������
������
��
����������������������������
����������������������
���������
���������
������������ �
�������
��������
������
��������
������
��
��
����������������������������
����������������������
�������
�������
OPERATING
CONSIDERATIONS
SA03
GENERAL
Please read Application Note 30 on "PWM Basics". Refer
to Application Note 1 "General Operating Considerations" for
helpful information regarding power supplies, heat sinking and
mounting. Visit www.apexmicrotech.com for design tools that
help automate pwm filter design; heat sink selection; Apex’s
complete Application Notes library; Technical Seminar Work-
book; and Evaluation Kits.
CLOCK CIRCUIT AND RAMP GENERATOR
The clock frequency is internally set to a frequency of ap-
proximately 45kHz. The CLK OUT pin will normally be tied to
the CLK IN pin. The clock is divided by two and applied to an
RC network which produces a ramp signal at the –PWM/RAMP
pin. An external clock signal can be applied to the CLK IN pin
for synchronization purposes. If a clock frequency lower than
45kHz is chosen an external capacitor must be tied to the
–PWM/RAMP pin. This capacitor, which parallels an internal
capacitor, must be selected so that the ramp oscillates 4 volts
p-p with the lower peak 3 volts above ground.
PWM INPUTS
The full bridge driver may be accessed via the pwm input
comparator. When +PWM > -PWM then A OUT > B OUT. A
motion control processor which generates the pwm signal can
drive these pins with signals referenced to GND.
PROTECTION CIRCUITS
In addition to the externally programmable current limit there
is also a fixed internal current limit which senses only the high
side current. It is nominally set to 140% of the continuous
rated output current. Should either of the outputs be shorted
to ground the high side current limit will latch off the output
transistors. Also, the temperature of the output transistors is
continually monitored. Should a fault condition occur which
raises the temperature of the output transistors to 165°C
the thermal protection circuit will activate and also latch off
the output transistors. In either case, it will be necessary to
remove the fault condition and recycle power to V
CC to restart
the circuit.
CURRENT LIMIT
There are two load current sensing pins, I SENSE A and I
SENSE B. The two pins can be shorted in the voltage mode
connection but both must be used in the current mode con-
nection (see figures A and B). It is recommended that R
LIMIT
resistors be non-inductive. Load current flows in the I SENSE
pins. To avoid errors
due to lead lengths
connect the I LIMIT/
SHDN pin directly to
the R
LIMIT resistors
(through the filter net-
work and shutdown
divider resistor) and
connect the R
LIMIT
resistors directly to
the GND pin.
Switching noise
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA03U REV. F MARCH 2001 © 2001 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com