Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA12 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA12
Description  PULSE WIDTH MODULATION AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA12 Datasheet(HTML) 2 Page - Cirrus Logic

  SA12 Datasheet HTML 1Page - Cirrus Logic SA12 Datasheet HTML 2Page - Cirrus Logic SA12 Datasheet HTML 3Page - Cirrus Logic SA12 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SA12
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S
200V
SUPPLY VOLTAGE, V
CC
16V
POWER DISSIPATION, internal
250W1
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction3
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
INPUT VOLTAGE, +PWM
0 to +11V
INPUT VOLTAGE, –PWM
0 to +11V
INPUT VOLTAGE, I
LIM
0 to +10V
The SA12 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush,
machine, or subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: 1.
Each of the two active output transistors can dissipate 125W.
2.
Unless otherwise noted: T
C = 25°C, VS, VCC at typical specification.
3.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power
dissipation to achieve high MTTF. For guidance, refer to the heatsink data sheet.
4.
Guaranteed but not tested.
SPECIFICATIONS
PARAMETER
TEST CONDITIONS2
MIN
TYP
MAX
UNITS
CLOCK (CLK)
CLK OUT, high level4
I
OUT ≤ 1mA
4.8
5.3
V
CLK OUT, low level4
I
OUT ≤ 1mA
0
.4
V
FREQUENCY
392
400
408
kHz
RAMP, center voltage
5
V
RAMP, P-P voltage
4
V
CLK IN, low level4
0
.9
V
CLK IN, high level4
3.7
5.4
V
OUTPUT
TOTAL R
ON
4
.4
Ω
EFFICIENCY, 10A output
V
S = 200V
97
%
SWITCHING FREQUENCY
OSC in ÷ 2
196
200
204
kHz
CURRENT, continuous4
65°C case
15
A
CURRENT, peak4
20
A
POWER SUPPLY
VOLTAGE, V
S
Full temperature range
16
120
200
V
VOLTAGE, V
CC
Full temperature range
14
15
16
V
CURRENT, V
CC
I
OUT = 0
80
mA
CURRENT, V
CC, shutdown
50
mA
CURRENT, V
S
No Load
200
mA
I
LIM/SHUTDOWN
TRIP POINT
90
110
mV
INPUT CURRENT
100
nA
THERMAL3
RESISTANCE, junction to case
Full temperature range, for each die
1
°C/W
RESISTANCE, junction to air
Full temperature range
12
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com