Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4805 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4805
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4805 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4805 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4805 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4805 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4805 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4805 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4805 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page
v1.0
2
www.sztuofeng.com
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-1
00
IGSS
±100
nA
VGS(th)
-1.1
-1.7
V
ID(ON)
-30
A
26
m
Ω
gFS
14
S
VSD
-0.8
-1
V
IS
- 6.0
A
Ciss
1180
Coss
Crss
Rg
10
Ω
Qg (10V)
26.4
Qg (4.5V)
13.5
Qgs
Qgd
tD(on)
7.5
tr
tD(off)
tf
trr
25.5
ns
Qrr
17.5
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
DYNAMIC PARAMETERS
Maximum Body-Diode Continuous Current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=0V, VDS=-15V, f=1MHz
Input Capacitance
Output Capacitance
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=3Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
SWITCHING PARAMETERS
Total Gate Charge (4.5V)
Gate Source Charge
Gate Drain Charge
Total Gate Charge (10V)
VGS=-10V, VDS=-15V, ID=-8A
m
Ω
VGS=-4.5V, ID=-6.0A
IS=-8A,VGS=0V
VDS=-5V, ID=-8A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
A
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-30V, VGS=0V
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-8A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-4.5V, VDS=-5V
VGS=-10V, ID=-8.0A
Reverse Transfer Capacitance
IF=-8A, dI/dt=100A/µs
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
n
22
17
19
-2.1
nC
nC
4.5
nC
4.4
nC
ns
5.5
ns
19
ns
7.0
ns
nC
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
pF
162
pF
139
pF
4805



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com