Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1041 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1041
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1041 Datasheet HTML 9Page - Analog Devices ADM1041 Datasheet HTML 10Page - Analog Devices ADM1041 Datasheet HTML 11Page - Analog Devices ADM1041 Datasheet HTML 12Page - Analog Devices ADM1041 Datasheet HTML 13Page - Analog Devices ADM1041 Datasheet HTML 14Page - Analog Devices ADM1041 Datasheet HTML 15Page - Analog Devices ADM1041 Datasheet HTML 16Page - Analog Devices ADM1041 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
ADM1041
Rev. A | Page 13 of 64
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (Continuous), VDD
6.5 V
Data Pins SDA, SCL, VDATA
VDD + 0.5 V,
GND − 0.3 V
Continuous Power at 25°C, PD-QSOP24
450 mW
Operating Temperature, TAMB
−40°C to +85°C
Junction Temperature, TJ
150°C
Storage Temperature, TSTG
−60°C to +150°C
Lead Temperature
(Soldering, 10 Seconds), TL
300°C
ESD Protection on All Pins, VESD
2 kV
Thermal Resistance, Junction to Air, θJA
150°C/W
ICT Source Current1
7 mA
1 This is the maximum current that can be sourced out from Pin 8 (ICT pin).
Thermal Characteristics
24-Lead QSOP Package:
θJA = 150°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com