Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6604 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 6604
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

6604 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  6604 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
20
V
VDS=20V, VGS=0V
1
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
0.4
0.7
1
V
ID(ON)
13
A
51
65
58
75
m
Ω
68
100
m
Ω
gFS
16
S
VSD
0.7
1
V
IS
1.5
A
Ciss
205
260
320
pF
Coss
33
48
63
pF
Crss
16
27
38
pF
Rg
1.5
3
4.5
Ω
Qg(4.5V)
2.9
3.8
nC
Qgs
0.4
nC
Qgd
0.6
nC
tD(on)
2.5
ns
tr
3.2
ns
tD(off)
21
ns
Reverse Transfer Capacitance
VGS=0V, VDS=10V, f=1MHz
SWITCHING PARAMETERS
N-Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VGS=4.5V, ID=3.4A
Forward Transconductance
Diode Forward Voltage
IS=1A,VGS=0V
VDS=5V, ID=3.4A
VGS=2.5V, ID=3A
VGS=1.8V, ID=2A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±8V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=4.5V, VDS=10V, ID=3.4A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=5V, VDS=10V, RL=2.95Ω,
RGEN=3Ω
tD(off)
21
ns
tf
3
ns
trr
14
19
ns
Qrr
3.8
nC
IF=3.4A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
Turn-Off Fall Time
Body Diode Reverse Recovery Charge IF=3.4A, dI/dt=100A/µs
Turn-Off DelayTime
RGEN=3Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
6604
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
2
Jan 2019 V1.1
N and P-Channel Enhancement Mode Power MOSFET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com