Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8804 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 8804
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

8804 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  8804 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 8804 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 8804 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 8804 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 8804 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
1
TSSOP-8 Plastic-Encapsulate MOSFETS
8804
V(BR)DSS
RDS(on)MAX
ID
20V
0.013 Ω @ 10V
8.0A
0.014 Ω @ 4.5V
MARKING
Equivalent Circuit
FEATURE
TrenchFET Power MOSFET
Excellent RDS(on)
Low Gate Charge
High Power and Current Handing Capability
Surface Mount Package
Dual N-Channel MOSFET
APPLICATION
Battery Protection
Load Switch
Power Management
Max
Y :year code W :week code
8804
TFZYWJ
TSSOP-8
8804
0.019 Ω @ 2.5V
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
64
83
89
120
RθJL
53
70
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±12
Gate-Source Voltage
Drain-Source Voltage
20
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
30
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
1.5
-55 to 150
ID
8
G1
D1
S1
G2
D2
S2


Similar Part No. - 8804

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8804 BURKERT-8804 Datasheet
1Mb / 12P
2/2 way ball valve with electric rotary actuator, ball valve in plastic, DN10 - DN50
20.05.2021
8804 BURKERT-8804 Datasheet
1Mb / 12P
Explosion Proof Rotary Actuator - On/Off and control
22.02.2023
logo
TriQuint Semiconductor
880404 TRIQUINT-880404_15 Datasheet
113Kb / 5P
1575 MHz BAW Filter
More results

Similar Description - 8804

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com