Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSFC Datasheet(PDF) 1 Page - Littelfuse

Part # LSFC
Description  Fuse displays and cabinets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSFC Datasheet(HTML) 1 Page - Littelfuse

  LSFC Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Datasheet
Rev: 011113
1 of 1
Fuse displays and cabinets
3ab (ceramic)
normal-blo Fuses
3ab (ceramic)
slo-blo® Fuses
Quantity
catalog
number
Quantity
catalog
number
25
314 15A
25
326 8A
25
314 20A
20
326 10A
25
314 30A
Description
• Steelcabinetwithpianohingesthatcanbelocked
topreventunauthorizedaccess.Weatherstrippedto
reducetheaccumulationofdust,dirtandmoisture
• Convenientinventorycardlocatedinsidedoor.
Measures30"H×24"W×12"D.Keyholemounting
holes16"oncenterforeasyinstallation
Ordering Information
type
catalog number
ordering number
Spare Fuse Cabinet
LSFC
LSFC
Spare Keys
LKEY001
LKEY0001Z
Description
Thiswall-mountableorfree-standingmodularracksystem
prominentlydisplaysLittelfuseglassandautomotivefuses.
Additionalsectionscanbequicklysnappedonforalarger
productselection.Eachrackfeaturesacrossreference
guidetohelpcustomerslocatetheproperreplacementfuse.
Features/Benefits
• Holds720(1445-packs)ofthemostpopularglass,
ceramic,andautomotivefuses
• Designedtosavespace—measures14"H×9"W×4"D
Suitableforwallorcountermounting
• Includescrossreference,productidentification
guide,andback-upcardforeasyreordering
• Expandablewithmodularsectionthatcanhold
240fuses(485-packs)persection
Web Resources
SamplerequestsanddatasheetsLittelfuse.com/lsfc
Fully stocked rack includes the following parts
3ag (glass)
Fast acting Fuses
3ag (glass)
slo-blo® Fuses
Quantity
catalog
number
Quantity
catalog
number
25
312 1⁄2A
25
313 1⁄2A
50
312 1A
25
313 3⁄4A
25
312 1 1⁄2A
25
313 1A
75
312 2A
25
313 1 1⁄2A
25
312 2 1⁄2A
50
313 2A
75
312 3A
25
313 2 1⁄2A
25
312 4A
25
313 3A
25
312 5A
25
313 4A
25
312 10A
25
313 5A
Electronic Fuse Display
Spare Fuse Cabinet
Ordering Information
type
catalog number ordering number
Fully Stocked Display
094324PG
00940324ZXPG
Empty Display Rack
FDR001PG
0FDR0001ZXPG
Additional Sections
MRS001PG
0MRS0001ZXPG


Similar Part No. - LSFC

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
LSFC21-380-004M0 KSS-LSFC21-380-004M0 Datasheet
128Kb / 1P
W-CDMA-IF
More results

Similar Description - LSFC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2150 VISHAY-2150 Datasheet
125Kb / 1P
2100 System Rack Adapters and Cabinets
20-Nov-03
logo
Tyco Electronics
SLA MACOM-SLA Datasheet
399Kb / 4P
SLA Series ??Cabinets and Signal/Data/Control Filters
logo
List of Unclassifed Man...
LOC250 ETC2-LOC250 Datasheet
35Kb / 1P
Key Control Security Cabinets
logo
OSRAM GmbH
LSGT67K-JL-1-HK-1 OSRAM-LSGT67K-JL-1-HK-1 Datasheet
550Kb / 18P
indoor and outdoor displays
LTRBGFSF-ABCB-QKYO OSRAM-LTRBGFSF-ABCB-QKYO Datasheet
1Mb / 28P
indoor and outdoor displays
LYGT67K OSRAM-LYGT67K Datasheet
548Kb / 18P
indoor and outdoor displays
logo
Maxim Integrated Produc...
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
Measures and Displays Remote and Internal
Rev 0; 12/00
logo
Kendall Howard
1932-3-001-08 KENDALLHOWARD-1932-3-001-08 Datasheet
1,005Kb / 2P
COMPACT SERIES SOHO SERVER CABINETS
1932-3-001-12 KENDALLHOWARD-1932-3-001-12 Datasheet
1,005Kb / 2P
COMPACT SERIES SOHO SERVER CABINETS
EVR6U25 KENDALLHOWARD-EVR6U25 Datasheet
881Kb / 2P
ENCLOSED V-RACK CABINETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com