Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3941A Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941A
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941A Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3941A Datasheet HTML 8Page - National Semiconductor (TI) LP3941A Datasheet HTML 9Page - National Semiconductor (TI) LP3941A Datasheet HTML 10Page - National Semiconductor (TI) LP3941A Datasheet HTML 11Page - National Semiconductor (TI) LP3941A Datasheet HTML 12Page - National Semiconductor (TI) LP3941A Datasheet HTML 13Page - National Semiconductor (TI) LP3941A Datasheet HTML 14Page - National Semiconductor (TI) LP3941A Datasheet HTML 15Page - National Semiconductor (TI) LP3941A Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
V
RTC LDO Electrical Characteristics
Unless otherwise noted, 2.5V < V
BU_BAT < 3.3V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage
I
OUT
≤ 50 µA, V
OUT = 1.8V
2.15V
≤ V
BU-BAT
≤ 3.3V
1.6
1.8
2.0
V
I
Q
Quiescent Current
I
OUT =6µA
2.6
6
µA
I
OUT
Output Current
2.15V
≤ V
BU-BAT
≤ 3.3V
10
50
µA
Output Current Limit
V
OUT =0V
1000
2000
10000
V
IN–VRTC
Dropout Voltage
I
OUT =50mA
150
190
mV
PSRR
Power Supply Ripple
Rejection Ratio
f = 100 Hz, C
OUT = 1.0 µF
20
dB
C
OUT
Output Capacitance
Output Capacitor ESR
1mA
≤ I
OUT
≤ 200 mA
0.75
1.0
2.2
µF
5
500
m
Ω
Note: The RTC_LDO can be disabled via the I2C compatible interface by setting the corresponding disable bit. See Table 1 for further details.
Back-Up Charger Electrical Characteristics
Unless otherwise noted, V
IN =VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Operational Voltage Range
V
OUT +
0.4
5.5
V
V
OUT
Accuracy
Output Voltage
I
OUT
≤ 50 µA, V
OUT = 3.15V
V
OUT + 0.4
≤ V
BATT
≤ 5.5V
3.0
3.15
3.3
V
I
Q
Quiescent Current
I
OUT < 50 µA
25
µA
I
OUT
Output Current
V
OUT + 0.4
≤ V
BATT =VIN
≤ 5.5V,
V
OUT = 3.0V
70
150
µA
Output Current Limit
3.2V
≤ V
BATT =VIN
≤ 5.5V
V
OUT =0V
0.7
1.5
2
mA
PSRR
Power Supply Ripple
Rejection Ratio
I
OUT
≤ 50 µA, V
OUT = 3.15V
V
OUT + 0.4
≤ V
BATT =VIN
≤ 5.5V
f < 10 kHz
15
dB
C
OUT
Output Capacitance
Output Capacitor ESR
0µA
≤ I
OUT
≤ 100 µA
0.1
µF
5
500
m
Ω
Note: The back-up battery charger can be disabled by setting the corresponding enable bit ‘0’ via the I2C interface. See Table 1 for further details.
Comparators’ Electrical Characteristics
Unless otherwise noted, V
BATT = +2.5V to 5.5V, VO3 = 3.0V, VCM = 0.27V. Typical values and limits appearing in normal type
apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation, −40 to
+125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
T
Comparator Trip Voltage
230
270
300
mV
I
B
Input Bias Current
V
INV = 1.3V
0.01
0.15
µA
I
OS
Input Offset Current
1
nA
PSRR
Power Supply Rejection Ratio
2.7V
≤ V
BATT
≤ 5.5V
50
dB
V
OL
Output Voltage Low
I
SINK = 1 mA
0.24
0.37
V
V
OH
Output Voltage High
I
SOURCE =1mA
2.57
V
O3–0.25
3
V
t
PLH
Propagation Delay Low to High
Overdrive = 100 mV (Note 10)
5
µs
t
PHL
Propagation Delay High to Low
Overdrive = 100 mV (Note 10)
5
µs
t
LH
Rise Time Low to High
Overdrive = 100 mV
C
OUT = 10 pF (Note 10)
5ns
t
HL
Fall Time High to Low
Overdrive = 100 mV
C
OUT = 10 pF (Note 10)
5ns
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com