Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS0800Z Datasheet(PDF) 6 Page - Littelfuse

Part # PSR033FS0800Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0800Z Datasheet(HTML) 6 Page - Littelfuse

Back Button PSR033FS0800Z Datasheet HTML 2Page - Littelfuse PSR033FS0800Z Datasheet HTML 3Page - Littelfuse PSR033FS0800Z Datasheet HTML 4Page - Littelfuse PSR033FS0800Z Datasheet HTML 5Page - Littelfuse PSR033FS0800Z Datasheet HTML 6Page - Littelfuse PSR033FS0800Z Datasheet HTML 7Page - Littelfuse PSR033FS0800Z Datasheet HTML 8Page - Littelfuse PSR033FS0800Z Datasheet HTML 9Page - Littelfuse PSR033FS0800Z Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Littelfuse.com/PSR
© 2022 Littelfuse, Inc.
Rev: 042722
6 of 20
POWR-SPEED® Fuse
PSR SERIES HIGH-SPEED SQUARE BODY
Dimensions
DIMENSIONS IN MM (IN)
CASE
SIZE
A
B
C
D
E
F
G
FL METRIC
THREAD
FS INCHES
THREAD
RECOMMENDED
TORQUE
30
50.0 (1.97) 43.0 (1.69) 43.0 (1.69) 49.0 (1.93) 17.0 (0.67) 47.4 (1.86)
76.4 (3.01)
M8 x 1.25
5/16”–18 UNC 2B
13–20 Nm
31
50.0 (1.97) 51.5 (2.03) 51.5 (2.03) 57.5 (2.26)
20.0 (0.8)
48.2 (1.90)
84.9 (3.34)
M8 x 1.25
5/16”–18 UNC 2B
13–20 Nm
32
51.0 (2.01) 60.0 (2.36) 60.0 (2.36) 66.0 (2.60) 23.0 (0.91) 48.8 (1.92)
93.4 (3.68)
M10 x 1.5
3/8”–16 UNC 2B
26–35 Nm
33
51.0 (2.01) 73.5 (2.89) 73.5 (2.89) 79.5 (3.13) 30.0 (1.18) 49.2 (1.94) 106.9 (4.21) M12 x 1.75
1/2”–13 UNC 2B
45–55 Nm
70
74.0 (2.91) 43.0 (1.69) 43.0 (1.69) 49.0 (1.93) 17.0 (0.67) 71.4 (2.81)
76.4 (3.01)
M8 x 1.25
5/16”–18 UNC 2B
13–20 Nm
71
74.0 (2.91) 51.5 (2.03) 51.5 (2.03) 57.5 (2.26) 20.0 (0.79) 72.2 (2.84)
84.9 (3.34)
M8 x 1.25
5/16”–18 UNC 2B
13–20 Nm
72
75.0 (2.95) 60.0 (2.36) 60.0 (2.36) 66.0 (2.60) 23.0 (0.91) 72.8 (2.87)
93.4 (3.68)
M10 x 1.5
3/8”–16 UNC 2B
26–35 Nm
73
75.0 (2.95) 73.5 (2.89) 73.5 (2.89) 79.5 (3.13) 30.0 (1.18) 73.2 (2.88) 106.9 (4.21) M12 x 1.75
1/2”–13 UNC 2B
45–55 Nm
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
5
PSR SERIES
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
1/30/2017
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
PSR SERIES OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
1
1/30/17
UNCONTROLLED DOCUMENT MRY
2
3/1/17
ADD THREAD DIMENSIONS MRY
3
3/2/17
UPDATE THREAD COLUMN HEADERS MRY
4
4/24/17
CHANGE 33 DIM A MRY
5
11/5/18
CHG DIM A, ADD SIZE 31, 70 & 73, ADD NEW VIEW MRY
E
C
B
D
G
A
F
DIMENSIONS MM (IN)
CASE SIZE
A
B
C
D
E
F
G
FL METRIC THREAD FS INCHES THREAD
RECOMMENDED
TORQUE
30
49.0-51.0
(1.93-2.01) 43.0 (1.69) 43.0 (1.69) 49.0 (1.93) 17.0 (0.67) 47.4 (1.86) 76.4 (3.01)
M8x1.25
5/16"-18 UNC-2B
13-20 Nm
31
49.0-51.0
(1.93-2.01) 51.5 (2.03) 51.5 (2.03) 57.5 (2.26) 20.0 (0.80) 48.2 (1.90) 84.9 (3.34)
M8x1.25
5/16"-18 UNC-2B
13-20 Nm
32
50.0-52.0
(1.97-2.05) 60.0 (2.36) 60.0 (2.36) 66.0 (2.60) 23.0 (0.91) 48.8 (1.92) 93.4 (3.68)
M10x1.5
3/8"-16 UNC-2B
26-35 Nm
33
50.0-52.0
(1.97-2.05) 73.5 (2.89) 73.5 (2.89) 79.5 (3.13) 30.0 (1.18) 49.2 (1.94) 106.9 (4.21)
M12x1.75
1/2"-13 UNC-2B
45-55 Nm
70
73.0-75.0
(2.87-2.95) 43.0 (1.69) 43.0 (1.69) 49.0 (1.93) 17.0 (0.70) 741.4 (2.81) 76.4 (3.01)
M8x1.25
5/16"-18 UNC-2B
13-20 Nm
71
73.3-74.7
(2.89-2.94) 51.5 (2.03) 51.5 (2.03) 57.5 (2.26) 20.0 (0.79) 72.2 (2.84) 84.9 (3.34)
M8x1.25
5/16"-18 UNC-2B
13-20 Nm
72
74.0-76.0
(2.91-2.99) 60.0 (2.36) 60.0 (2.36) 66.0 (2.60) 23.0 (0.91) 72.8 (2.87) 93.4 (3.68)
M10x1.5
3/8"-16 UNC-2B
26-35 Nm
73
74.0-76.0
(2.91-2.99) 73.5 (2.89) 73.5 (2.89) 79.5 (3.13) 30.0 (1.18) 73.2 (2.88) 106.9 (4.21)
M12x1.75
1/2"-13 UNC-2B
45-55 Nm
FL/FS
VISUAL
INDICATOR
1/4" QC
TERMINAL
M4x0.7 THREAD
10.00 (.394)
STUD LENGTH
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
5
PSR SERIES
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
1/30/2017
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
PSR SERIES OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
1
1/30/17
UNCONTROLLED DOCUMENT MRY
2
3/1/17
ADD THREAD DIMENSIONS MRY
3
3/2/17
UPDATE THREAD COLUMN HEADERS MRY
4
4/24/17
CHANGE 33 DIM A MRY
5
11/5/18
CHG DIM A, ADD SIZE 31, 70 & 73, ADD NEW VIEW MRY
E
C
B
D
G
A
F
DIMENSIONS MM (IN)
CASE SIZE
A
B
C
D
E
F
G
FL METRIC THREAD FS INCHES THREAD
RECOMMENDED
TORQUE
30
49.0-51.0
(1.93-2.01) 43.0 (1.69) 43.0 (1.69) 49.0 (1.93) 17.0 (0.67) 47.4 (1.86) 76.4 (3.01)
M8x1.25
5/16"-18 UNC-2B
13-20 Nm
31
49.0-51.0
(1.93-2.01) 51.5 (2.03) 51.5 (2.03) 57.5 (2.26) 20.0 (0.80) 48.2 (1.90) 84.9 (3.34)
M8x1.25
5/16"-18 UNC-2B
13-20 Nm
32
50.0-52.0
(1.97-2.05) 60.0 (2.36) 60.0 (2.36) 66.0 (2.60) 23.0 (0.91) 48.8 (1.92) 93.4 (3.68)
M10x1.5
3/8"-16 UNC-2B
26-35 Nm
33
50.0-52.0
(1.97-2.05) 73.5 (2.89) 73.5 (2.89) 79.5 (3.13) 30.0 (1.18) 49.2 (1.94) 106.9 (4.21)
M12x1.75
1/2"-13 UNC-2B
45-55 Nm
70
73.0-75.0
(2.87-2.95) 43.0 (1.69) 43.0 (1.69) 49.0 (1.93) 17.0 (0.70) 741.4 (2.81) 76.4 (3.01)
M8x1.25
5/16"-18 UNC-2B
13-20 Nm
71
73.3-74.7
(2.89-2.94) 51.5 (2.03) 51.5 (2.03) 57.5 (2.26) 20.0 (0.79) 72.2 (2.84) 84.9 (3.34)
M8x1.25
5/16"-18 UNC-2B
13-20 Nm
72
74.0-76.0
(2.91-2.99) 60.0 (2.36) 60.0 (2.36) 66.0 (2.60) 23.0 (0.91) 72.8 (2.87) 93.4 (3.68)
M10x1.5
3/8"-16 UNC-2B
26-35 Nm
73
74.0-76.0
(2.91-2.99) 73.5 (2.89) 73.5 (2.89) 79.5 (3.13) 30.0 (1.18) 73.2 (2.88) 106.9 (4.21)
M12x1.75
1/2"-13 UNC-2B
45-55 Nm
FL/FS
VISUAL
INDICATOR
1/4" QC
TERMINAL
M4x0.7 THREAD
10.00 (.394)
STUD LENGTH
MICROSWITCH
(MS3H1000C/MS7H1500C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com