Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F202 Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC10F202 Datasheet HTML 66Page - Microchip Technology PIC10F202 Datasheet HTML 67Page - Microchip Technology PIC10F202 Datasheet HTML 68Page - Microchip Technology PIC10F202 Datasheet HTML 69Page - Microchip Technology PIC10F202 Datasheet HTML 70Page - Microchip Technology PIC10F202 Datasheet HTML 71Page - Microchip Technology PIC10F202 Datasheet HTML 72Page - Microchip Technology PIC10F202 Datasheet HTML 73Page - Microchip Technology PIC10F202 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
PIC10F200/202/204/206
DS41239B-page 68
Preliminary
© 2005 Microchip Technology Inc.
TABLE 12-2:
COMPARATOR SPECIFICATIONS
TABLE 12-3:
PULL-UP RESISTOR RANGES – PIC10F200/202/204/206
Operating Conditions: 2.0V
< VDD <5.5V, -40°C < TA < +125°C, unless otherwise stated.
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
D300
VIOFF
Input Offset Voltage
—
±5.0
TBD
mV
D301
VICM
Input Common Mode Voltage
0
—
VDD – 1.5*
V
D302
CMRR
Common Mode Rejection
Ratio
55*
—
—
db
D303
TRESP
Response Time(1)
—300
TBD
ns
VDD = 3.0V to 5.5V, -40° to +85°C
D304
TMC2OV Comparator Mode Change to
Output Valid
—300
TBD
ns
D305
VIVRF
Internal Reference Voltage
TBD
0.6
TBD
V
TBD
Legend:
TBD = To Be Determined.
*
These parameters are characterized but not tested.
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2 while the other input transitions from VSS
to VDD.
VDD (Volts)
Temperature (
°C)
Min
Typ
Max
Units
GP0/GP1
2.0
-40
TBD
TBD
TBD
Ω
25
TBD
TBD
TBD
Ω
85
TBD
TBD
TBD
Ω
125
TBD
TBD
TBD
Ω
5.5
-40
TBD
TBD
TBD
Ω
25
TBD
TBD
TBD
Ω
85
TBD
TBD
TBD
Ω
125
TBD
TBD
TBD
Ω
GP3
2.0
-40
TBD
TBD
TBD
Ω
25
TBD
TBD
TBD
Ω
85
TBD
TBD
TBD
Ω
125
TBD
TBD
TBD
Ω
5.5
-40
TBD
TBD
TBD
Ω
25
TBD
TBD
TBD
Ω
85
TBD
TBD
TBD
Ω
125
TBD
TBD
TBD
Ω
Legend: TBD = To Be determined.
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com