Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

57100000001 Datasheet(PDF) 1 Page - Littelfuse

Part # 57100000001
Description  570/571/576 Series Fuse Holders with Cap for TE5/TR5 Type Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

57100000001 Datasheet(HTML) 1 Page - Littelfuse

  57100000001 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/15/19
Radial Leaded Fuse Blocks
RoHS Pb
Product Characteristics
570 Series
571 Series
576 Series
Compatible
Fuses
TR5/TE5
Materials
Holder: Black Thermoplastic, UL 94 V-0
Cap: Transparent Thermoplastic Polycarbonat PC, UL94 V-0
Metal Parts: Copper alloy Solderable tinned
Rated Voltage
250V
Max. Current/
Power:
6.3 A/2.5W
6.3 A/2.5W
6.3 A/1.6W
Mounting
Panel Mounted:
12.7mm diameter
D-hole or double
D-hole. Admissible
torque on plastic hex
nut is 1.2Nm
Printed Circuit Board (PCB)
Mounted:
7.62mm hole spacing for wave
soldering
Terminals
Solderable or 2.8mm
quick connect --
fits 0.5mm tab
Solderable
pin terminals --
fits 1.3mm hole
Minimum
Cross Section
Conductor - 2.5mm2
Conducting path - 0.2mm2
Unit Weight
2.2g (Holder)
0.94g (Cap)
1.6g (Holder)
0.94g (Cap)
1.6g (Holder)
0.94g (Cap)
Dimensions units in mm (inch)
570 Holder
575 Cap
571 and 576 Holder
570/571/576 Series Fuse Holders with Cap for TE5/TR5 Type Fuses
Ordering Information
Catalog
Number
Description
Packaging
57000000001
Holder: Panel Mount w/
Quick Connect Terminals
Bulk Pack
100
57100000001
Holder: PCB Mount w/ Solderable
Pin Terminals - 2.5W Max
Bulk Pack
100
57600000001
Holder: PCB Mount w/ Solderable
Pin Terminals - 1.6W Max
Bulk Pack
100
57500000001
Cap: Fits all holders 570, 571 and
576 series
Bulk Pack
100
Note:Refer to Fuseology for information on proper fuseholder re-rating.
11.50
(0.453”)
7.50
(0.295”)
5.08
(0.200”)
0.50
(0.020”)
5.08
(0.200”)
Ø15.00
(0.591”)
0.56
(0.022”)
11.50
(0.453”)
5.00
(0.197”)
1.10
(0.043”)
7.62
(0.300”)
5.68
(0.224”)
M12.70X1.5
2 PLS
5.08
(0.200”)
Ø15.00
(0.591”)
Ø9.6
Top View
Bottom View
Panel Mount
Hole Options
Top View
Bottom View
Ø15.00
(0.591”)
M12.70X1.5
10.00
(0.394”)
Circuit Board
Mounting Specifications
7.62
(0.300”)
1.3±0.1
(0.051”)
575 Cap
570 Holder (Panel Mounted)
571 and 576 Holder (Circuit Board Mounted)
12.7-0.1
11.7-0.15
12.7-0.1
12-0.1
Additional Information
Datasheet
Samples
Resources
Datasheet
Samples
Resources
Datasheet
Samples
Resources
570 Series
571 Series
570 Series
571 Series
570 Series
571 Series
576 Series
576 Series
576 Series
Agency Approvals
Agency
Agency File Number
570 Series
571 Series
576 Series
E14721
N/A
N/A
40024733
Application testing is strongly recommended.
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete
Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.


Similar Part No. - 57100000001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
571007 LITTELFUSE-571007 Datasheet
80Kb / 1P
FOR 3AG, 5 x 20mm, OR MIDGET FUSES
571007 LITTELFUSE-571007 Datasheet
138Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
571007 LITTELFUSE-571007 Datasheet
286Kb / 1P
571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
040324
571007P LITTELFUSE-571007P Datasheet
529Kb / 1P
Fuse Blocks, Holders and Accessories
571007P LITTELFUSE-571007P Datasheet
80Kb / 1P
FOR 3AG, 5 x 20mm, OR MIDGET FUSES
More results

Similar Description - 57100000001

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HHC COOPER-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
RS20H COOPER-RS20H Datasheet
1Mb / 8P
Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
logo
Eaton All Rights Reserv...
HHC EATON-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
logo
Littelfuse
05710027L LITTELFUSE-05710027L_V01 Datasheet
286Kb / 1P
571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
Rev: 032122
245 LITTELFUSE-245 Datasheet
497Kb / 1P
245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
344_PMB LITTELFUSE-344_PMB Datasheet
440Kb / 1P
344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
55900000001 LITTELFUSE-55900000001 Datasheet
230Kb / 2P
559/560 Series Fuse Blocks for TE5/TR5 Type Fuses
Revised: GD. 05/17/21
56200001009 LITTELFUSE-56200001009 Datasheet
262Kb / 2P
562/564 Series Circuit Board Mount Blocks for TE5/TR5 Type Fuses
Revised: GD. 05/04/21
58500000005 LITTELFUSE-58500000005 Datasheet
180Kb / 1P
585 Series Cap for Fuse Holders for 5x20mm Fuses
Revised: GD. 05/20/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com