Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4T80100 Datasheet(PDF) 2 Page - M-pulse Microwave Inc.

Part # MP4T80100
Description  8 Volt, NPN Transistor Medium Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T80100 Datasheet(HTML) 2 Page - M-pulse Microwave Inc.

  MP4T80100 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T80100 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T80100 Datasheet HTML 3Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8 Volt, Mediam Power Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
2
576 Charcot Avenue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T801 Series
Electrical Specifications at 25
°C
Symbol
Parameters
Test
Conditions
Units
MP4T80100
Chip
MP4T801510
200mil BEO
fT
Gain Bandwidth
Product
VCE = 8V
IC = 100
mA
GHz
6 typ.
4 Typ
P out
Power Output
Class C
VCE = 8V
IC = 220
mA
f = .9 GHz
W
.5 typ.
.5 typ.
Maximum Ratings at 25
°C
Parameter
Symbol
Maximum Rating
Collector Base Voltage
VCBO
25 V
Collector-Emitter Voltage
VCEO
12 V
Emitter-Base Voltage
VEBO
1.5 V
Collector Current
IC
300 mA
Junction Temperature
Tj
200
°C
Storage Temperature
Chips or Ceramic Packages
TSTG
-65
°C to +200°C
Plastic Packages
-65
°C to +125°C
Power Dissipation
PD
3.6W
Electrical Specifications at 25
°C
Parameters
Conditions
Symbol
Min.
Typ.
Max.
Units
Collector Cut-off Current
VCB = 8 V
IE = 0
ICBO
100
nA
Emitter Cut-off Current
VEB = 1 V
IC = 0
IEBO
1
µA
Forward Current Gain
VCE = 8 V
IC = 100 mA
hFE
20
100
200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com