Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLJC1002GA Datasheet(PDF) 2 Page - Littelfuse

Part # HLJC1002GA
Description  JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HLJC1002GA Datasheet(HTML) 2 Page - Littelfuse

  HLJC1002GA Datasheet HTML 1Page - Littelfuse HLJC1002GA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Littelfuse.com
© 2021 Littelfuse, Inc.
080421-A
JCASE® FHJ SERIES
IN-LINE CARTRIDGE FUSE HOLDER
PART
NUMBER
DESCRIPTION
CURRENT
RATING MAX 
FUSE TYPE
MOUNTING METHOD MAX VOLTAGE
RATING
0FHJ1001G
32V JCASE® In-Line Cartridge Fuse Holder with
10 AWG GXL Leads
40 A
JCASE Cartridge Fuse
In-Line Fuse Holder
32 VDC
0FHJ2001G
32V JCASE® In-Line Cartridge Fuse Holder with
10 AWG GXL Leads and Mounting Bracket
40 A
JCASE Cartridge Fuse
In-Line Fuse Holder
32 VDC
0FHJ2002G
32V JCASE® In-Line Cartridge Fuse Holder with
8 AWG GXL Leads and Mounting Bracket
60 A
JCASE Cartridge Fuse
In-Line Fuse Holder
32 VDC
FHJC1001G
32V JCASE® In-Line Cartridge Fuse Holder with
10 AWG GXL Leads and Cover
40 A
JCASE Cartridge Fuse
In-Line Fuse Holder
32 VDC
FHJC1001GB
32V JCASE® In-Line Cartridge Fuse Holder with
10 AWG TXL Leads and Cover
40 A
JCASE CARTRIDGE FUSE
In-Line Fuse Holder
32 VDC
FHJC1002G
32V JCASE® In-Line Cartridge Fuse Holder with
8 AWG GXL Leads and Cover
60 A
JCASE CARTRIDGE FUSE
In-Line Fuse Holder
32 VDC
FHJC1002L
32V JCASE® In-Line Cartridge Fuse Holder with
8 AWG GXL Leads and Cover
60 A
JCASE Cartridge Fuse
In-Line Fuse Holder
32 VDC
FHJC2002G
32V JCASE® In-Line Cartridge Fuse Holder with
8 AWG GXL Leads, Mounting Bracket, and Cover
60 A
JCASE Cartridge Fuse
In-Line Fuse Holder
32 VDC
FHJC2002L
32V JCASE® In-Line Cartridge Fuse Holder with
8 AWG GXL Leads, Mounting Bracket, and Cover
60 A
JCASE Cartridge Fuse
In-Line Fuse Holder
32 VDC
HLJC1001G 58V Low-Profile JCASE
®
In-Line Cartridge Fuse Holder
with 10 AWG GXL Leads and Cover
40 A
Low Profile JCASE Cartridge Fuse
In-Line Fuse Holder
58 VDC
HLJC1002G 58V Low-Profile JCASE
®
In-Line Cartridge Fuse Holder
with 8 AWG GXL Leads and Cover
60 A
Low Profile JCASE Cartridge Fuse
In-Line Fuse Holder
58 VDC
HLJC1002GA 58V Low-Profile JCASE
®
In-Line Cartridge Fuse Holder
with 8 AWG UL1569 Leads and Cover
60 A
Low Profile JCASE Cartridge Fuse
In-Line Fuse Holder
58 VDC
HLJC2002G 58V Low-Profile JCASE
®
In-Line Cartridge Fuse Holder
with 8 AWG GXL Leads, Mounting Brackets, and Cover
60 A
Low Profile JCASE Cartridge Fuse
In-Line Fuse Holder
58 VDC
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com