Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSOU Datasheet(PDF) 1 Page - Littelfuse

Part # LSOU
Description  BOX COVER UNITS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSOU Datasheet(HTML) 1 Page - Littelfuse

  LSOU Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Littelfuse.com
© 2016 Littelfuse POWR-GARD® Products
POWR-GARD® Fuse Datasheet
Rev: 112816
1 of 1
BOX COVER UNITS
Description
Provide economical method of protecting small motors
against overcurrent damage.
Applications
• Edison-Base plug fuses (TOO, TLO)
• Type S plug fuses (SOO, SLO) with adapters (SAO)
Specifications
Voltage Rating
125 V
Max Ampere Rating 15 A
Approvals
UL Listed parts (Except LSSY-RL)
Web Resources
Sample requests, downloadable CAD drawings and other
technical information: www.littelfuse.com/boxcover
FIGURE
NUMBER
LITTELFUSE
PART NUMBER
BOX COVER FEATURES
TO BE
MOUNTED ON
EDISON BASE
FUSE HOLDER
GROUNDING
RECEPTACLE
SINGLE POLE
SWITCH
TWO POLE
SWITCH
PILOT
LIGHT
1
LSOU
1
—
—
—
—
2-1⁄4" Handy Box
LSOW
1
—
—
—
—
2-3⁄4” Switch Box
LSOX
1
—
—
—
—
4" Octagon Box
LSOY
1
—
—
—
—
4" Square Box
2
LSRU*
1
1
—
—
—
2-1⁄4" Handy Box
LSRW
1
1
—
—
—
2-3⁄4” Switch Box
LSRY
1
1
—
—
—
4" Square Box
3
LSSU*
1
—
1
—
—
2-1⁄4" Handy Box
LSSW
1
—
1
—
—
2-3⁄4" Switch Box
LSSX
1
—
1
—
—
4" Octagon Box
LSSY*
1
—
1
—
—
4" Square Box
4
LSOY-B
2
—
—
—
—
4" Square Box
5
LSSY-L
1
—
1
—
1
4" Square Box
6
LSSY-RL
1
1
1
—
1
4" Square Box
7
LSCY
2
—
2
—
—
4" Square Box
8
LSKA
2
1 (250V)
—
—
—
4-11⁄16" Square Box
9
LSTY
2
—
—
1
—
4" Square Box
*UL Listed (File No. E308725)


Similar Part No. - LSOU

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSOU LITTELFUSE-LSOU Datasheet
889Kb / 2P
Box Cover Units
More results

Similar Description - LSOU

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSOU LITTELFUSE-LSOU Datasheet
889Kb / 2P
Box Cover Units
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
2104 POMONA-2104 Datasheet
22Kb / 1P
Phenolic Box With Cover
2105 POMONA-2105 Datasheet
22Kb / 1P
Phenolic Box With Cover
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
2417 POMONA-2417 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
3754 POMONA-3754 Datasheet
21Kb / 1P
Miniature Size Aluminum Box With Cover
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com