Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9993 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9993
Description  INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9993 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9993 Datasheet HTML 1Page - Motorola, Inc MPC9993 Datasheet HTML 2Page - Motorola, Inc MPC9993 Datasheet HTML 3Page - Motorola, Inc MPC9993 Datasheet HTML 4Page - Motorola, Inc MPC9993 Datasheet HTML 5Page - Motorola, Inc MPC9993 Datasheet HTML 6Page - Motorola, Inc MPC9993 Datasheet HTML 7Page - Motorola, Inc MPC9993 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC9993
MOTOROLA
TIMING SOLUTIONS
2
Figure 2. 32–Lead Pinout (Top View)
GND
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345
678
24
23
22
21
20
19
18
17
16
MPC9993
Ext_FB
Ext_FB
GND
Clk_Selected
Inp1bad
Inp0bad
VCC
PLL_En
Man_Override
VCC_PLL
VCC
Qa0
Qa0
Qa1
Qa1
PIN DESCRIPTIONS
Pin Name
I/O
Pin Definition
CLK0, CLK0
CLK1, CLK1
LVPECL Input
LVPECL Input
Differential PLL clock reference (CLK0 pulldown, CLK0 pullup)
Differential PLL clock reference (CLK1 pulldown, CLK1 pullup)
Ext_FB, Ext_FB
LVPECL Input
Differential PLL feedback clock (Ext_FB pulldown, Ext_FB pullup)
Qa0:1, Qa0:1
LVPECL Output
Differential 1x output pairs
Qb0:2, Qb0:2
LVPECL Output
Differential 2x output pairs
Inp0bad
LVCMOS Output
Indicates detection of a bad input reference clock 0 with respect to the feedback signal. The output
is active HIGH and will remain HIGH until the alarm reset is asserted
Inp1bad
LVCMOS Output
Indicates detection of a bad input reference clock 1 with respect to the feedback signal. The output
is active HIGH and will remain HIGH until the alarm reset is asserted
Clk_Selected
LVCMOS Output
‘0’ if clock 0 is selected, ‘1’ if clock 1 is selected
Alarm_Reset
LVCMOS Input
‘0’ will reset the input bad flags and align Clk_Selected with Sel_Clk. The input is “one–shotted”
(50k
Ω pullup)
Sel_Clk
LVCMOS Input
‘0’ selects CLK0, ‘1’ selects CLK1 (50k
Ω pulldown)
Manual_Override
LVCMOS Input
‘1’ disables internal clock switch circuitry (50k
Ω pulldown)
PLL_En
LVCMOS Input
‘0’ bypasses selected input reference around the phase–locked loop (50k
Ω pullup)
MR
LVCMOS Input
‘0’ resets the internal dividers forcing Q outputs LOW. Asynchronous to the clock (50k
Ω pullup)
VCCA
Power Supply
PLL power supply
VCC
Power Supply
Digital power supply
GNDA
Power Supply
PLL ground
GND
Power Supply
Digital ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com