Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SSL30V Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2SSL30V
Description  LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 2.0 Ampere
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SSL30V Datasheet(HTML) 1 Page - Rectron Semiconductor

  2SSL30V Datasheet HTML 1Page - Rectron Semiconductor 2SSL30V Datasheet HTML 2Page - Rectron Semiconductor 2SSL30V Datasheet HTML 3Page - Rectron Semiconductor 2SSL30V Datasheet HTML 4Page - Rectron Semiconductor 2SSL30V Datasheet HTML 5Page - Rectron Semiconductor 2SSL30V Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LOW Vf SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 2.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Resistive or inductive load.
2SSL20V
THRU
2SSL40V
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
.035 (0.90)
.028 (0.70)
.077 (1.95)
.069 (1.75)
.114 (2.9)
.106 (2.7)
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage
* High current capability
* High speed switching
* High surge capabitity
* High reliability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Weight: 0.018 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375” (9.5mm) lead length at TA=75
0C
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
T
Typical Thermal Resistance (Note 3)
ypical Junction Capacitance (Note1)
SYMBOL
VRRM
VDC
IFSM
C
R JA
R JL
J
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
110
110
30
Amps
0 C
0 C/W
Storage Temperature Range
IO
150
pF
Operating Temperature Range
TJ
2SSL20V
2SSL40V
20
30
40
14
21
28
20
40
40
-55 to + 150
0 C
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage
Volts
0.1
5.0
@TA = 25 C
@TA = 150 oC
.35
mAmps
UNITS
2.
3. Thermal resistance: Mounted on PCB.
“ ROHS compliant”
Typical Current Square Time
I2T
A
2S
60
14.94
.150 (3.8)
.142 (3.6)
.053 (1.35)
.033(0.85)
.013 (0.35)
.008 (0.20)
.42
@I F = 0.5A
@I F = 2.0 A
Volts
2021-12
REV:O
.039 (1.00)
o
* P/N suffix V means AEC-Q101 qualified, e.g:2SSL20V
* P/N suffix V means Halogen-free
2SSL30V
2SSL20V
2SSL40V
2SSL30V


Similar Part No. - 2SSL30V

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SSL30 RECTRON-2SSL30 Datasheet
385Kb / 6P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 2.0 Ampere
2SSL30L RECTRON-2SSL30L Datasheet
420Kb / 6P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 2.0 Ampere
More results

Similar Description - 2SSL30V

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
02N5817 RECTRON-02N5817 Datasheet
222Kb / 3P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
05N5817 RECTRON-05N5817 Datasheet
222Kb / 3P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
2SSL20 RECTRON-2SSL20 Datasheet
385Kb / 6P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 2.0 Ampere
2SSL20L RECTRON-2SSL20L Datasheet
420Kb / 6P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 2.0 Ampere
FML120 RECTRON-FML120 Datasheet
356Kb / 4P
SUPER LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FML120B RECTRON-FML120B Datasheet
329Kb / 6P
SUPER LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
SR0520 RECTRON-SR0520 Datasheet
224Kb / 3P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.5 Ampere
SSL20 RECTRON-SSL20 Datasheet
414Kb / 4P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
SSL20L RECTRON-SSL20L Datasheet
415Kb / 4P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com