Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1230-E/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 35Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 36Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 37Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 38Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 39Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 40Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 41Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 42Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 37
4.5
Device Reset Timers
PIC18F1230/1330 devices incorporate three separate
on-chip timers that help regulate the Power-on Reset
process. Their main function is to ensure that the device
clock is stable before code is executed. These timers
are:
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• PLL Lock Time-out
4.5.1
POWER-UP TIMER (PWRT)
The Power-up Timer (PWRT) of PIC18F1230/1330
devices is an 11-bit counter which uses the INTRC
source as the clock input. This yields an approximate
time interval of 2048 x 32
μs = 65.6 ms. While the
PWRT is counting, the device is held in Reset.
The power-up time delay depends on the INTRC clock
and will vary from chip to chip due to temperature and
process variation. See DC parameter 33 for details.
The PWRT is enabled by clearing the PWRTEN
Configuration bit.
4.5.2
OSCILLATOR START-UP TIMER
(OST)
The Oscillator Start-up Timer (OST) provides a
1024 oscillator cycle (from OSC1 input) delay after the
PWRT delay is over (parameter 33). This ensures that
the crystal oscillator or resonator has started and
stabilized.
The OST time-out is invoked only for XT, LP, HS and
HSPLL modes and only on Power-on Reset, or on exit
from most power-managed modes.
4.5.3
PLL LOCK TIME-OUT
With the PLL enabled in its PLL mode, the time-out
sequence following a Power-on Reset is slightly
different from other oscillator modes. A separate timer
is used to provide a fixed time-out that is sufficient for
the PLL to lock to the main oscillator frequency. This
PLL lock time-out (TPLL) is typically 2 ms and follows
the oscillator start-up time-out.
4.5.4
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows:
1.
After the POR pulse has cleared, PWRT time-out
is invoked (if enabled).
2.
Then, the OST is activated.
The total time-out will vary based on oscillator
configuration and the status of the PWRT. Figure 4-3,
Figure 4-4, Figure 4-5, Figure 4-6 and Figure 4-7 all
depict time-out sequences on power-up, with the
Power-up Timer enabled and the device operating in
HS Oscillator mode. Figures 4-3 through 4-6 also apply
to devices operating in XT or LP modes. For devices in
RC mode and with the PWRT disabled, there will be no
time-out at all.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, all time-outs will expire.
Bringing MCLR high will begin execution immediately
(Figure 4-5). This is useful for testing purposes or to
synchronize more than one PIC18FXXXX device
operating in parallel.
TABLE 4-2:
TIME-OUT IN VARIOUS SITUATIONS
Oscillator
Configuration
Power-up(2) and Brown-out Reset
Exit from
Power-Managed Mode
PWRTEN = 0
PWRTEN = 1
HSPLL
66 ms(1) + 1024 TOSC + 2 ms(2)
1024 TOSC + 2 ms(2)
1024 TOSC + 2 ms(2)
HS, XT, LP
66 ms(1) + 1024 TOSC
1024 TOSC
1024 TOSC
EC, ECIO
66 ms(1)
——
RC, RCIO
66 ms(1)
——
INTIO1, INTIO2
66 ms(1)
——
Note 1:
66 ms (65.5 ms) is the nominal Power-up Timer (PWRT) delay.
2:
2 ms is the nominal time required for the PLL to lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com