Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM2000F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM2000F
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM2000F Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM2000F Datasheet HTML 1Page - Rectron Semiconductor FM2000F Datasheet HTML 2Page - Rectron Semiconductor FM2000F Datasheet HTML 3Page - Rectron Semiconductor FM2000F Datasheet HTML 4Page - Rectron Semiconductor FM2000F Datasheet HTML 5Page - Rectron Semiconductor FM2000F Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE 2000 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Terminals Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Current Squarad Time
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
I
2t
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
3.75
15
Amps
A
2 Sec
0 C/W
0 C/W
0 C
Storage Temperature Range
R
θ JA
Typical Thermal Resistance (Note 1)
45
10
R
θ JT
IO
pF
Operating Temperature Range
TJ
-55 to + 175
0 C
FM2000F
FM2000F
2000
2000
1400
2020-01/97
REV: O
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
μA
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
2.0
1.0
@TA = 25
oC
@TA = 150
oC
mA
UNITS
1.1
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
*Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
SMAF
Dimensions in millimeters
-55 to + 175
Typical Reverse Recovery Time (Note 3)
trr
uSec
2.0
3. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
FM2000F
4.50-4.70
0.9-1.1
3.30-3.70
1.30-1.60
0.12-0.23
0.7Min
2.40-2.70
1.0-1.1


Similar Part No. - FM2000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
logo
Micro Commercial Compon...
FM2000GP MCC-FM2000GP Datasheet
236Kb / 3P
0.5 Amp High Voltage Fast Recovery Glass Passivated Rectifier 2000 Volts
logo
Rectron Semiconductor
FM2000W RECTRON-FM2000W Datasheet
34Kb / 2P
HIGH VOLTAGE RECTIFIER
FM2000W RECTRON-FM2000W Datasheet
128Kb / 6P
HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
More results

Similar Description - FM2000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4001 RECTRON-SM4001 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FM4001L RECTRON-FM4001L Datasheet
351Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001C RECTRON-FM4001C Datasheet
30Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SM4001 RECTRON-SM4001_07 Datasheet
303Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001 RECTRON-FM4001_09 Datasheet
460Kb / 9P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
R1500G RECTRON-R1500G Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 1500 Volts CURRENT 1.5 Ampere
SM2000 RECTRON-SM2000 Datasheet
269Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
HDB108LS RECTRON-HDB108LS Datasheet
98Kb / 6P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
2015-04 REV: O
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com