Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1230-I/P Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F1230-I/P
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-I/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F1230-I/P Datasheet HTML 17Page - Microchip Technology PIC18F1230-I/P Datasheet HTML 18Page - Microchip Technology PIC18F1230-I/P Datasheet HTML 19Page - Microchip Technology PIC18F1230-I/P Datasheet HTML 20Page - Microchip Technology PIC18F1230-I/P Datasheet HTML 21Page - Microchip Technology PIC18F1230-I/P Datasheet HTML 22Page - Microchip Technology PIC18F1230-I/P Datasheet HTML 23Page - Microchip Technology PIC18F1230-I/P Datasheet HTML 24Page - Microchip Technology PIC18F1230-I/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 19
2.6.5.1
Compensating with the EUSART
An adjustment may be required when the EUSART
begins to generate framing errors or receives data with
errors while in Asynchronous mode. Framing errors
indicate that the device clock frequency is too high; to
adjust for this, decrement the value in OSCTUNE to
reduce the clock frequency. On the other hand, errors
in data may suggest that the clock speed is too low; to
compensate, increment OSCTUNE to increase the
clock frequency.
2.6.5.2
Compensating with the Timers
This technique compares device clock speed to some
reference clock. Two timers may be used; one timer is
clocked by the peripheral clock, while the other is
clocked by a fixed reference source, such as the
Timer1 oscillator.
Both timers are cleared, but the timer clocked by the
reference generates interrupts. When an interrupt
occurs, the internally clocked timer is read and both
timers are cleared. If the internally clocked timer value
is greater than expected, then the internal oscillator
block is running too fast. To adjust for this, decrement
the OSCTUNE register.
REGISTER 2-1:
OSCTUNE: OSCILLATOR TUNING REGISTER
R/W-0
R/W-0(1)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INTSRC
PLLEN(1)
—
TUN4
TUN3
TUN2
TUN1
TUN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
INTSRC: Internal Oscillator Low-Frequency Source Select bit
1
= 31.25 kHz device clock derived from 8 MHz INTOSC source (divide-by-256 enabled)
0
= 31 kHz device clock derived directly from INTRC internal oscillator
bit 6
PLLEN: Frequency Multiplier PLL for INTOSC Enable bit(1)
1
= PLL enabled for INTOSC (4 MHz and 8 MHz only)
0
= PLL disabled
bit 5
Unimplemented: Read as ‘0’
bit 4-0
TUN4:TUN0: Frequency Tuning bits
01111
= Maximum frequency
•
•
•
•
00001
00000
= Center frequency. Oscillator module is running at the calibrated frequency.
11111
•
•
•
•
10000
= Minimum frequency
Note 1:
Available only in certain oscillator configurations; otherwise, this bit is unavailable and reads as ‘0’. See
Section 2.6.4 “PLL in INTOSC Modes” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com