Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20100CT Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MBRB20100CT
Description  D2PAK Surface Mount Power Package SCHOTTKY BARRIER RECTIFIER 20 AMPERES 100 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MBRB20100CT Datasheet(HTML) 2 Page - Rectron Semiconductor

  MBRB20100CT Datasheet HTML 1Page - Rectron Semiconductor MBRB20100CT Datasheet HTML 2Page - Rectron Semiconductor MBRB20100CT Datasheet HTML 3Page - Rectron Semiconductor MBRB20100CT Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL CHARACTERISTICS (Per Leg)
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Case
Junction−to−Ambient (Note 2)
R JC
R JA
2.0
50
C/W
ELECTRICAL CHARACTERISTICS (Per Leg)
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 10 Amp, TC = 125 C)
(iF = 10 Amp, TC = 25 C)
(iF = 20 Amp, TC = 125 C)
(iF = 20 Amp, TC = 25 C)
vF
0.75
0.85
0.85
0.95
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 125 C)
(Rated dc Voltage, TJ = 25 C)
iR
6.0
0.1
mA
2. When mounted using minimum recommended pad size on FR−4 board.
3. Pulse Test: Pulse Width = 300 s, Duty Cycle
2.0%.
ORDERING INFORMATION
Device
Package
Shipping†
MBRB20100CT
D2PAK
50 Units / Rail
MBRB20100CTG
D2PAK
(Pb−Free)
50 Units / Rail
MBRB20100CTT4
D2PAK
800 Units / Tape & Reel
MBRB20100CTT4G
D2PAK
(Pb−Free)
800 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Typical Current Derating, Case, Per Leg
Figure 4. Average Power Dissipation & Average Current
RATING AND CHARACTERISTICS CURVES (MBRB20100CT)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com