Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD4F Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MD4F
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 tO 1000 Volts CURRENT 1.0 Ampere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MD4F Datasheet(HTML) 2 Page - Rectron Semiconductor

  MD4F Datasheet HTML 1Page - Rectron Semiconductor MD4F Datasheet HTML 2Page - Rectron Semiconductor MD4F Datasheet HTML 3Page - Rectron Semiconductor MD4F Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
0
0.01
0.1
1
10
10
15
20
25
30
35
40
2.0
1.5
0.5
1.0
2.5
100
40
60
20
1
2
4
6
0
0.1
1.0
10
100
40
20
60
80
100
120
140
RATING AND CHARACTERISTICS CURVES ( MD1F THRU MD10F )
AMBIENT TEMPERATURE, (OC)
20
0
0.5
1.0
1.5
80
40
60
100
120
140 150
NUMBER OF CYCLES AT 60Hz
8.3mS Single Half Sine-Wave
JEDEC Method
FIG. 1 - MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
TJ =25
OC
Pulse Width = 300mS
1% Duty Cycle
TA =25
OC
60 Hz RESISTIVE OR
INDUCTIVE LOAD
10
CHARACTERISTICS
FIG.4 TYPICAL FORWARD CURRENT
DERATING CURVE
IMUM REVERSE CHARACTERISTICS
FIG.2 MAXIMUM INSTANTANEOUS FORWARD
FIG.3 MAX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com