Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1230-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F1230-E/P
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F1230-E/P Datasheet HTML 9Page - Microchip Technology PIC18F1230-E/P Datasheet HTML 10Page - Microchip Technology PIC18F1230-E/P Datasheet HTML 11Page - Microchip Technology PIC18F1230-E/P Datasheet HTML 12Page - Microchip Technology PIC18F1230-E/P Datasheet HTML 13Page - Microchip Technology PIC18F1230-E/P Datasheet HTML 14Page - Microchip Technology PIC18F1230-E/P Datasheet HTML 15Page - Microchip Technology PIC18F1230-E/P Datasheet HTML 16Page - Microchip Technology PIC18F1230-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 11
TABLE 1-2:
PIC18F1230/1330 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP,
SOIC
SSOP
QFN
MCLR/VPP/RA5/FLTA
MCLR
VPP
RA5
FLTA(1)
44
1
I
I
I
I
ST
Analog
ST
ST
Master Clear (input), programming voltage (input)
or Fault detect input.
Master Clear (Reset) input. This pin is an
active-low Reset to the device.
Programming voltage input.
Digital input.
Fault detect input for PWM.
RA7/OSC1/CLKI/
T1OSI/FLTA
RA7
OSC1
CLKI
T1OSI(2)
FLTA(1)
16
18
21
I/O
I
I
I
I
ST
Analog
Analog
Analog
ST
Oscillator crystal, external clock input, Timer1
oscillator input or Fault detect input.
Digital I/O.
Oscillator crystal input or external clock source
input.
External clock source input.
Timer1 oscillator input.
Fault detect input for PWM.
RA6/OSC2/CLKO/
T1OSO/T1CKI/AN3
RA6
OSC2
CLKO
T1OSO(2)
TICKI(2)
AN3
15
17
20
I/O
O
O
O
I
I
ST
Analog
Analog
Analog
ST
Analog
Oscillator crystal, clock output, Timer1 oscillator
output or analog input.
Digital I/O.
Oscillator crystal output or external clock
source input.
External clock source output.
Timer1 oscillator output.
Timer1 clock input.
Analog input 3.
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1:
Placement of FLTA depends on the value of Configuration bit, FLTAMX, of CONFIG3H.
2:
Placement of T1OSI and T1OSO/T1CKI depends on the value of Configuration bit, T1OSCMX, of
CONFIG3H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com