Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEX-CD Datasheet(PDF) 2 Page - Littelfuse

Part # LEX-CD
Description  IN-LINE WATERTIGHT FUSE HOLDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LEX-CD Datasheet(HTML) 2 Page - Littelfuse

  LEX-CD Datasheet HTML 1Page - Littelfuse LEX-CD Datasheet HTML 2Page - Littelfuse LEX-CD Datasheet HTML 3Page - Littelfuse LEX-CD Datasheet HTML 4Page - Littelfuse LEX-CD Datasheet HTML 5Page - Littelfuse LEX-CD Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Littelfuse.com
@ 2020 Littelfuse, Inc.
Rev: 052720
2 of 6
POWR-GARD® Blocks and Holders
IN-LINE WATERTIGHT FUSE HOLDERS
SERIES
DESCRIPTION
LEB
One-pole in-line fuse holder for Midget and Class CC fuses
LEC
One-pole in-line fuse holder for Class CC fuses
LET
One-pole in-line fuse holder with
permanently installed solid neutral
LEX
Two-pole in-line fuse holder for Midget and Class CC fuses
LEY
Two-pole in-line fuse holder for Class CC fuses
Ordering Information
To order Littelfuse in-line fuse holders by part number,
refer to the charts on the next page.
Recommended Crimping Tools
The following crimping tools or equivalents may be used
on either the non-breakaway or breakaway watertight
in-line fuse holders.
LEB - AA - S
Littelfuse Series
Load Side/Terminal Size
Breakaway Feature
Line Side/Terminal Size
TERMINAL SIZE
T&B PART NUMBER
BURNDY PART NUMBER
A
WT161M
–
B
WT161M
MR4C
C
M5-GREY
Hypress Y34A
D
M5-BROWN
Hypress Y34A
4.5"
10.3"
( ASSEMBLED LENGTH )
5.4"
( ASSEMBLED LENGTH )
4.5"
9.3"
( ASSEMBLED LENGTH )
WPB1 BOOT
(OPTIONAL)
WPB1 BOOT
(OPTIONAL)
INSULATING BOOT
(STANDARD)
INSULATING BOOT
(STANDARD)
4.2"
4.5"
9.3"
( ASSEMBLED LENGTH )
10.3"
( ASSEMBLED LENGTH )
5.3"
( ASSEMBLED LENGTH )
Dimensions Inches
1-Pole
1-Pole Breakaway
2-Pole
2-Pole Breakaway
A & B Crimp Terminal
C & D Crimp Terminal
J Terminal
Y Terminal
Insulating Boots

Molded from engineering-grade thermoplastics which
provide high resistance to corrosive environments

For watertight protection of non-breakaway Y-pole
termination, order one WPB1 and one WPB3 boot

Standard with all breakaway fuse holders
ORDERING NUMBER
TERMINAL TYPE
WPB1
A, B, C, D, J
WPB3
Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com