Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0LEXYYCSX Datasheet(PDF) 5 Page - Littelfuse

Part # 0LEXYYCSX
Description  IN-LINE WATERTIGHT FUSE HOLDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0LEXYYCSX Datasheet(HTML) 5 Page - Littelfuse

  0LEXYYCSX Datasheet HTML 1Page - Littelfuse 0LEXYYCSX Datasheet HTML 2Page - Littelfuse 0LEXYYCSX Datasheet HTML 3Page - Littelfuse 0LEXYYCSX Datasheet HTML 4Page - Littelfuse 0LEXYYCSX Datasheet HTML 5Page - Littelfuse 0LEXYYCSX Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Littelfuse.com
@ 2020 Littelfuse, Inc.
Rev: 052720
5 of 6
POWR-GARD® Blocks and Holders
IN-LINE WATERTIGHT FUSE HOLDERS
Two-Pole Breakaway Holder
Features/Benefits

LEXT-YY version has a permanently installed “neutral”
slug to prevent the neutral from accidentally being fused

LEX-YYC version allows for fusing of line-to-line loads
or other applications requiring two fuses to disconnect
under strain

Fiberglass polymer body resists damage from impact

Four “Y” type set-screw terminals accommodate a wide
range of solid and stranded Cu or Al conductors

O-ring and terminal boots form watertight seal,
preventing leakage
Specifications
Part numbers
LEXT-YY-S (Solid neutral)
LEX-YYC-S
Voltage Rating
600 V ac/V dc
Ampere Rating
30 A
Interrupting Rating
200 kA with Class CC Fuses
Y Terminals
Tin Plated Copper w/ set screws
Wire Size
1 solid #12 to #8 or
1 stranded #10 to #2
Approvals
UL Recognized (File: E14721)
CSA Certified (File: LR7316)
Applications

Street lighting

Marinas

Travel trailer parks

Physically strained fuse holders applications
Web Resources
Additional technical information:
Littelfuse.com/In-Line
Description
Littelfuse LEXT-YY-S and LEX-YYC-S series breakaway fuse
holders meet state and federal highway commission safety
standards requiring fuse holders to readily disconnect from
power in case of a pole knockdown.
The breakaway feature consists of a receptacle permanently
attached to the power line and a fuse holder with matching
terminals. If a knockdown occurs, the parts separate, leaving
the energized conductor recessed and unexposed.
ORDERING
NUMBER
FUSE
TYPE
LOAD TERMINAL SELECTION
LINE TERMINAL SELECTION
TERMINAL
TYPE
WIRE SIZE
RANGE
WIRES PER
TERMINAL
SOLID
WIRE
TERMINAL
TYPE
WIRE SIZE
RANGE
WIRES PER
TERMINAL
SOLID
WIRE
LEXTYYS
LEXT0YYSX
Midget
Class CC
“Y” type
Copper
Set-Screw
#12 to #8
1
•
— 
“Y” type
Copper
Set-Screw
#12 to #8
#10 to #2
1
•
—
#10 to #2
1
—
•
1
—
•
LEXYYCS
0LEXYYCSX
Midget
Class CC
“Y” type
Copper
Set-Screw
#12 to #8
#10 to #2
1
•
—
“Y” type
Copper
Set-Screw
#12 to #8
#10 to #2
1
•
—
1
—
•
1
—
•
Ordering Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com