Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102YM Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC4102YM
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102YM Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC4102YM Datasheet HTML 9Page - Microchip Technology MIC4102YM Datasheet HTML 10Page - Microchip Technology MIC4102YM Datasheet HTML 11Page - Microchip Technology MIC4102YM Datasheet HTML 12Page - Microchip Technology MIC4102YM Datasheet HTML 13Page - Microchip Technology MIC4102YM Datasheet HTML 14Page - Microchip Technology MIC4102YM Datasheet HTML 15Page - Microchip Technology MIC4102YM Datasheet HTML 16Page - Microchip Technology MIC4102YM Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2016 - 2022 - 2021 Microchip Technology Inc. and its subsidiaries.
DS20005575B-page 13
MIC4102
5.0
FUNCTIONAL DESCRIPTION
The MIC4102 is a high voltage, non-inverting,
synchronous MOSFET driver that uses a single PWM
input signal to alternately drive both high-side and
low-side N-Channel MOSFETs. The Functional Block
Diagram of the MIC4102 is shown on page two.
The MIC4102 input is TTL-compatible. The high-side
output buffer includes a high speed level-shifting circuit
that is referenced to the HS pin. An internal diode is
used as part of a bootstrap circuit to provide the drive
voltage for the high-side output.
5.1
Startup and UVLO
The UVLO circuit forces both driver outputs low until
the supply voltage exceeds the UVLO threshold. The
low-side UVLO circuit monitors the voltage between
the VDD and VSS pins. The high-side UVLO circuit
monitors the voltage between the HB and HS pins.
Hysteresis in the UVLO circuit prevents noise and finite
circuit impedance from causing chatter during turn-on.
The VDD pin voltage is supplied to the HS pin through
the internal bootstrap diode. The HB pin voltage will
always be a diode drop less than VDD.
5.2
Input Stage
The MIC4102 utilizes a TTL-compatible input stage.
The PWM input pin is referenced to the VSS pin. The
voltage state of the input signal does not change the
quiescent current draw of the driver. The threshold
level is independent of the VDD supply voltage and
there is no dependence between IVDD and the input
signal amplitude. This feature makes the MIC4102 an
excellent level translator that will drive high threshold
MOSFETs from a low voltage PWM IC.
5.3
Low-Side Driver
A block diagram of the low-side driver is shown in
Figure 5-1. The low-side driver is designed to drive a
ground (VSS pin) referenced N-channel MOSFET. Low
driver impedances allow the external MOSFET to be
turned on and off quickly. The rail-to-rail drive capability
of the output ensures a low RDS(ON) from the external
MOSFET.
A low level applied to PWM pin will cause the HO
output to go low and the LO output to go high. The
upper driver FET turns on and VDD is applied to the
gate of the external MOSFET. A high level on the PWM
pin forces the LO output low by turning off the upper
driver and turning on the lower driver which ground the
gate of the external MOSFET.
Pulling the LS pin low disables the LO pin.
FIGURE 5-1:
Low-Side Driver Block
Diagram.
5.4
High-Side Driver and Bootstrap
Circuit
A block diagram of the high-side driver and bootstrap
circuit is shown in Figure 5-2. This driver is designed to
drive a floating N-channel MOSFET, whose source
terminal is referenced to the HS pin.
FIGURE 5-2:
High-Side Driver Block
Diagram.
A low-power, high-speed, level-shifting circuit isolates
the low-side (VSS pin) referenced circuitry from the
high-side (HS pin) referenced driver. Power to the
high-side driver and UVLO circuit is supplied by the
bootstrap circuit while the voltage level of the HS pin is
shifted high.
The bootstrap circuit consists of an internal diode and
external capacitor, CB. In a typical application, such as
the synchronous buck converter shown in Figure 5-3,
the HS pin is at ground potential while the low-side
MOSFET is on. The internal diode allows capacitor CB
to charge up to VDD – VD during this time (where VD is
the forward voltage drop of the internal diode). After the
low-side MOSFET is turned off and the HO pin turns
on, the voltage across capacitor CB is applied to the
V
SS
V
DD
LO
EXTERNAL
FET
DRIVE
SIGNAL
LS
HS
HB
HO
EXTERNAL
FET
V
DD
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com