Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4468 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4468
Description  Quad 1.2A Peak Low-Side MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4468 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4468 Datasheet HTML 1Page - Microchip Technology MIC4468 Datasheet HTML 2Page - Microchip Technology MIC4468 Datasheet HTML 3Page - Microchip Technology MIC4468 Datasheet HTML 4Page - Microchip Technology MIC4468 Datasheet HTML 5Page - Microchip Technology MIC4468 Datasheet HTML 6Page - Microchip Technology MIC4468 Datasheet HTML 7Page - Microchip Technology MIC4468 Datasheet HTML 8Page - Microchip Technology MIC4468 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006614A-page 3
MIC4467/8/9
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ..........................................................................................................................................................+22V
Input Voltage ................................................................................................................................ VS + 0.3V to GND – 5V
Operating Ratings ‡
Power Dissipation
N Package (14-Pin Plastic DIP) ................................................................................................................................1.5W
WM package (16-Pin Wide SOIC) ...............................................................................................................................1W
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Specifications are for packaged product only.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Measured at TA = +25°C with 4.5V ≤ VS ≤ 18V unless otherwise specified. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Input
Logic 1 Input Voltage
VIH
2.4
1.3
—
V
—
Logic 0 Input Voltage
VIL
—
1.2
0.8
V
—
Input Current
IIN
–1
—
1
µA
0V ≤ VIN ≤ VS
Output
High Output Voltage
VOH
VS - 0.15
—
—
V
ILOAD = 10 mA
Low Output Voltage
VOL
—
—
0.15
V
ILOAD = 10 mA
Output Resistance
RO
—
5
15
Ω
IOUT = 10 mA, VS = 18V
Peak Output Current
IPK
—
1.2
—
A
—
Latch-Up Protection Withstand
Reverse Current
I
>500
—
—
mA
—
Switching Time
Rise Time
tR
—
14
25
ns
Figure 1-1
Fall time
tF
—
13
25
ns
Figure 1-1
Delay Time
tD1
—
30
75
ns
Figure 1-1
tD2
—
45
75
ns
Figure 1-1
Power Supply
Power Supply Current
IS
—
0.2
4
mA
—
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com