Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIG014SS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TIG014SS
Description  TIG014SS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG014SS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TIG014SS Datasheet HTML 1Page - Sanyo Semicon Device TIG014SS Datasheet HTML 2Page - Sanyo Semicon Device TIG014SS Datasheet HTML 3Page - Sanyo Semicon Device TIG014SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIG014SS
No.8288-2/4
外形図
電気的配線図
unit : mm
7005-008
14
5
8
5.0
0.595
1.27
0.2
0.43
1 : Emitter
2 : Emitter
3 : Emitter
4 : Gate
5 : Collector
6 : Collector
7 : Collector
8 : Collector
SANYO : SOP8
1
E
2
E
3
E
4
G
C
8
C
7
C
6
C
5
IT07620
IC -- VCE
コレクタ・エミッタ電圧, VCE -- V
0
0.5
0
20
40
60
80
120
140
160
180
100
200
2.0
1.5
1.0
IT07622
0
IT07621
IC -- VGE
VCE -- VGE
ゲート・エミッタ電圧, VGE -- V
ゲート・エミッタ電圧, VGE -- V
0
0
IT07623
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.5
20
40
60
80
120
140
160
180
100
200
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.0
5.5
6.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
3.0
4.0
5.0
6.0
2.0
1.5
1.0
0
1.0
5.5
6.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
3.0
4.0
5.0
6.0
Tc=25°C
V GE
=4.5V
3.0V
Tc=25°C
VCE=5V
IC=150A
130A
100A
VCE -- VGE
ゲート・エミッタ電圧, VGE -- V
4.0V
2.5V
Tc= --25°C
IC=150A
130A
100A
Tc=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com