Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4467YWM Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4467YWM
Description  Quad 1.2A Peak Low-Side MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4467YWM Datasheet(HTML) 4 Page - Microchip Technology

  MIC4467YWM Datasheet HTML 1Page - Microchip Technology MIC4467YWM Datasheet HTML 2Page - Microchip Technology MIC4467YWM Datasheet HTML 3Page - Microchip Technology MIC4467YWM Datasheet HTML 4Page - Microchip Technology MIC4467YWM Datasheet HTML 5Page - Microchip Technology MIC4467YWM Datasheet HTML 6Page - Microchip Technology MIC4467YWM Datasheet HTML 7Page - Microchip Technology MIC4467YWM Datasheet HTML 8Page - Microchip Technology MIC4467YWM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MIC4467/8/9
DS20006614A-page 4
2022 Microchip Technology Inc. and its subsidiaries
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Measured over operating temperature range with 4.5V ≤ VS ≤ 18V unless otherwise
specified. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Input
Logic 1 Input Voltage
VIH
2.4
1.4
—
V
—
Logic 0 Input Voltage
VIL
—
1.0
0.8
V
—
Input Current
IIN
–1
—
1
µA
0V ≤ VIN ≤ VS
Output
High Output Voltage
VOH
VS - 0.3
—
—
V
ILOAD = 10 mA
Low Output Voltage
VOL
—
—
0.3
V
ILOAD = 10 mA
Output Resistance
RO
—
7
30
Ω
IOUT = 10 mA, VS = 18V
Peak Output Current
IPK
—
1.2
—
A
—
Latch-Up Protection Withstand
Reverse Current
I
500
—
—
mA
—
Switching Time
Rise Time
tR
—
17
50
ns
Figure 1-1
Fall time
tF
—
16
50
ns
Figure 1-1
Delay Time
tD1
—
35
100
ns
Figure 1-1
tD2
—
55
100
ns
Figure 1-1
Power Supply
Power Supply Current
IS
—
0.4
8
mA
—
Note 1: Specification for packaged product only.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Ambient Temperature
TA
–40
—
+85
°C
Temperature Range
Device: Y
0
—
+70
°C
Temperature Range
Device: Z
Maximum Junction Temperature
TJ
—
—
+150
°C
—
Storage Temperature Range
TS
–65
—
+150
°C
—
Lead Temperature
TLEAD
—
—
+300
°C
Soldering, 10 sec.
Package Thermal Resistances
Thermal Resistance 14-Lead PDIP
JA
—
80
—
°C/W
—
Thermal Resistance 16-Lead Wide SOIC
JA
—
120
—
—
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com