Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742B Datasheet(PDF) 23 Page - Microchip Technology

Part # USB5742B
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB5742B Datasheet HTML 19Page - Microchip Technology USB5742B Datasheet HTML 20Page - Microchip Technology USB5742B Datasheet HTML 21Page - Microchip Technology USB5742B Datasheet HTML 22Page - Microchip Technology USB5742B Datasheet HTML 23Page - Microchip Technology USB5742B Datasheet HTML 24Page - Microchip Technology USB5742B Datasheet HTML 25Page - Microchip Technology USB5742B Datasheet HTML 26Page - Microchip Technology USB5742B Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002016H-page 23
USB5742B
6.0
DEVICE CONFIGURATION
The device supports a large number of features (some mutually exclusive), and must be configured in order to correctly
function when attached to a USB host controller. The hub can be configured either internally or externally depending on
the implemented interface.
Microchip provides a comprehensive software programming tool, Pro-Touch, for configuring the USB5742B functions,
registers and OTP memory. All configuration is to be performed via the Pro-Touch programming tool. For additional infor-
mation on the Pro-Touch programming tool, refer to the Software Libraries within the Microchip USB5742B product page
at www.microchip.com/USB5742B.
6.1
Customer Accessible Functions
The following USB or SMBus accessible functions are available to the customer via the Pro-Touch Programming Tool.
6.1.1
USB ACCESSIBLE FUNCTIONS
6.1.1.1
OTP Access over USB
The OTP ROM in the device is accessible via the USB bus. All OTP parameters can be modified to the USB Host. The
OTP operates in Single Ended mode. For more information, refer to the Microchip USB5742B product page and SDK
at www.microchip.com/USB5742B
6.1.1.2
Battery Charging Access over USB
The Battery charging behavior of the device can be dynamically changed by the USB Host when something other than
the preprogrammed or OTP programmed behavior is desired. For more information, refer to the Microchip USB5742B
product page and SDK at www.microchip.com/USB5742B
6.1.2
SMBUS ACCESSIBLE FUNCTIONS
OTP access and configuration of specific device functions are possible via the USB5742B SMBus. All OTP parameters
can be modified via the SMBus Host. The OTP can be programmed to operate in Single-Ended, Differential, Redundant,
or Differential Redundant mode, depending on the level of reliability required. For more information, refer to AN1903 -
“Configuration Options for the USB5734 and USB5744” application note at www.microchip.com/AN1903.
Note:
Device configuration straps and programmable pins are detailed in Section 3.4, "Configuration Straps and
Programmable Functions," on page 16.
Refer to Section 7.0, "Device Interfaces" for detailed information on each device interface.
Note:
For additional programming details, refer to the Pro-Touch programming tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com