Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5744 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB5744
Description  4-Port SS/HS USB Controller Hub
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB5744_V02 Datasheet HTML 41Page - Microchip Technology USB5744_V02 Datasheet HTML 42Page - Microchip Technology USB5744_V02 Datasheet HTML 43Page - Microchip Technology USB5744_V02 Datasheet HTML 44Page - Microchip Technology USB5744_V02 Datasheet HTML 45Page - Microchip Technology USB5744_V02 Datasheet HTML 46Page - Microchip Technology USB5744_V02 Datasheet HTML 47Page - Microchip Technology USB5744_V02 Datasheet HTML 48Page - Microchip Technology USB5744_V02 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00001855L-page 45
USB5744
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00001855L (04-29-22)
Product Identification System
For usage example “e” where Hub Feature
Controller is disabled, updated document with
new part number "USB5742B" representing
latest B step silicon
Note added: “All USB5744 SKUs are now
supported by B step silicon. Note that not all
SKUs include the ‘B’ indicator in the part num-
ber.”
DS00001855K (03-09-22)
Table 3-1
Updated pin reset states.
DS00001855J (07-21-20)
“USB 3.1” changed to “USB 3.2” throughout document.
Table 3-2, "Pin Reset State Legend"
Table added.
Pin Descriptions on page 10
“Reset State” column added to Pin Assign-
ment table.
Notes added to tables explaining what to do
with certain pins when unused.
Section 10.2, "Operating Condi-
tions**"
Supply Voltage Rise Time increased to 5ms.
Section FIGURE 10-1:, "Supply Rise
Time Model"
Note added following diagram.
DS00001855H (11-11-19)
Product Identification System on page
49
Added additional “SEU” ordering code option.
DS00001855G (07-20-18)
FIGURE 10-2: on page 36 and
Table 10-5, "Power Supply and
RESET_N Sequence Timing"
Rise time modified: “VDD33 to VDD12”
changed to “VDD12” to VDD33”.
Section 9.0, "Compliance Update"
TID number added to first paragraph.
DS00001855F (06-12-18)
Cover
Added new Highlight bullet/sub-bullets regard-
ing USB-IF ECN support: “USB-IF certified
(TID 330000076), supporting latest Engineer-
ing Change Notices for compliance with USB-
IF logo testing for new USB Type-CTM
industry initiative”.
Section 1.2, "Reference Documents"
Updated USB specification reference.
Section 9.0, "Compliance Update"
Added new Compliance Update section.
FIGURE 10-2: on page 36 and
Table 10-5, "Power Supply and
RESET_N Sequence Timing"
Rise time modified: “VDD12 to VDD33”
changed to “VDD33” to VDD12”.
DS00001855E (02-10-17)
Table 3-1
Removed errant duplicate pin assignment
table.
Product Identification System on page
49
Added package with hub feature controller
disabled
DS00001855D (06-06-16)
Section 11.0, Package Information
Added top marking information and land pat-
tern drawing.
All
Updated “SQFN” references to “VQFN”.
Name change only.
Section 8.4.2.1, Port Power Control
using USB Power Switch
Added additional information on overcurrent
detection methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com