Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7259G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7259G
Description  LIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7259G Datasheet HTML 5Page - Infineon Technologies AG TLE7259G Datasheet HTML 6Page - Infineon Technologies AG TLE7259G Datasheet HTML 7Page - Infineon Technologies AG TLE7259G Datasheet HTML 8Page - Infineon Technologies AG TLE7259G Datasheet HTML 9Page - Infineon Technologies AG TLE7259G Datasheet HTML 10Page - Infineon Technologies AG TLE7259G Datasheet HTML 11Page - Infineon Technologies AG TLE7259G Datasheet HTML 12Page - Infineon Technologies AG TLE7259G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE 7259 G
Preliminary Data Sheet
9
Rev. 1.3, 2004-12-13
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Voltages
Battery supply voltage
V
S
-0.3
40
V
(LIN Spec 1.3(2.0);
Line 10.1.3 (3.1.3))
Bus input voltage
versus GND
versus
V
S
V
BUS,G
V
BUS,Vs
-40
-40
40
40
V
V
t < 1 s
Wake input versus GND
Wake input versus
V
S
V
WK,G
V
WK,Vs
-40
-40
40
40
V
V
–
Logic voltages at EN, TxD,
RxD
V
IO
-0.3
5.5
V
–
Inhibit Voltage
versus GND
Versus
V
S
V
INH,G
V
INH, Vs
-0,3
-40
40
0,3
V
V
Output current at INH
I
INH
-150
80
mA
pos. output current
is internally limited
Electrostatic discharge
voltage at
V
S, Bus, Wk
versus GND
V
ESD
-4
4
kV
human body model
(100 pF via 1.5 k
Ω)
Electrostatic discharge
voltage Jedec Norm
V
ESD
-2
2
kV
human body model
(100 pF via 1.5 k
Ω)
Temperatures
Junction temperature
T
j
-40
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com