Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4425-YN Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC4425-YN
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4425-YN Datasheet(HTML) 2 Page - Microchip Technology

  MIC4425-YN Datasheet HTML 1Page - Microchip Technology MIC4425-YN Datasheet HTML 2Page - Microchip Technology MIC4425-YN Datasheet HTML 3Page - Microchip Technology MIC4425-YN Datasheet HTML 4Page - Microchip Technology MIC4425-YN Datasheet HTML 5Page - Microchip Technology MIC4425-YN Datasheet HTML 6Page - Microchip Technology MIC4425-YN Datasheet HTML 7Page - Microchip Technology MIC4425-YN Datasheet HTML 8Page - Microchip Technology MIC4425-YN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MIC4423/4/5
DS20006638A-page 2
2022 Microchip Technology Inc. and its subsidiaries
Block Diagram
INA
OUTA
IN VERTING
NONINVERTING
0.1mA
0.6mA
2k
INB
OUTB
IN V E R T I N G
NONINVERTING
0.1mA
0.6mA
2k
VS
GND
Integrated Component Count:
4 Resistors
4 Capacitors
52 Transistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com