Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HC Datasheet(PDF) 42 Page - Microchip Technology

Part # VSC8540XMVRT-HC
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HC Datasheet(HTML) 42 Page - Microchip Technology

Back Button VSC8540XMVRT-HC Datasheet HTML 38Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 39Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 40Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 41Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 42Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 43Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 44Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 45Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 87 page
background image
VSC8540RT
DS60001603E-page 42
2022 Microchip Technology Inc. and its subsidiaries
6.2.12
BYPASS CONTROL
The bits in this register control aspects of functionality in effect when the device is disabled for the purpose of traffic
bypass. The following table shows the settings available.
6.2.13
ERROR COUNTER 1
The bits in register 19 provide an error counter. The following table shows the settings available.
11
100BASE-TX receive error
RO
Self-clearing bit.
1: Receive error detected.
0
10
100BASE-TX transmit error
RO
Self-clearing bit.
1: Transmit error detected.
0
9
100BASE-TX SSD error
RO
Self-clearing bit.
1: Start-of-stream delimiter error detected.
0
8
100BASE-TX ESD error
RO
Self-clearing bit.
1: End-of-stream delimiter error detected.
0
7:0 Reserved
RO
Reserved.
TABLE 6-15:
BYPASS CONTROL, ADDRESS 18 (0X12)
Bit
Name
Access
Description
Default
15
Transmit disable
R/W
1: PHY transmitter disabled.
0
14
4B5B encoder/decoder
R/W
1: Bypass 4B/5B encoder/decoder.
0
13
Scrambler
R/W
1: Bypass scrambler.
0
12
Descrambler
R/W
1: Bypass descrambler.
0
11
PCS receive
R/W
1: Bypass PCS receiver.
0
10
PCS transmit
R/W
1: Bypass PCS transmit.
0
9
LFI timer
R/W
1: Bypass Link Fail Inhibit (LFI) timer.
0
8
Reserved
RO
Reserved.
7
HP Auto-MDIX at forced 10/
100
R/W
Sticky bit.
1: Disable HP Auto-MDIX at forced 10/100 speeds.
1
6
Reserved
R/W
Reserved.
0
5
Disable pair swap correction
(HP Auto-MDIX when auto-
negotiation enabled)
R/W
Sticky bit.
1: Disable the automatic pair swap correction.
0
4
Disable polarity correction
R/W
Sticky bit.
1: Disable polarity inversion correction on each subchannel.
0
3
Parallel detect control
R/W
Sticky bit.
1: Do not ignore advertised ability.
0: Ignore advertised ability.
1
2:0 Reserved
RO
Reserved.
TABLE 6-16:
EXTENDED CONTROL AND STATUS, ADDRESS 19 (0X13)
Bit
Name
Access
Description
Default
15:8 Reserved
RO
Reserved.
7:0
Receive error counter
RO
8-bit counter that saturates when it reaches 255.
These bits are self-clearing when read.
0x00
TABLE 6-14:
100BASE-TX STATUS EXTENSION, ADDRESS 16 (0X10) (CONTINUED)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com