Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 73Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 74Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 75Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 76Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 77Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 78Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 79Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 80Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 320 page
background image
PIC18F2450/4450
© 2006 Microchip Technology Inc.
Advance Information
DS39760A-page 75
REGISTER 6-1:
EECON1: MEMORY CONTROL REGISTER 1
U-0
R/W-x
U-0
R/W-0
R/W-x
R/W-0
R/S-0
U-0
—CFGS
—
FREE
WRERR(1)
WREN
WR
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
CFGS: Flash Program or Configuration Select bit
1
= Access Configuration registers
0
= Access Flash program
bit 5
Unimplemented: Read as ‘0’
bit 4
FREE: Flash Row Erase Enable bit
1
= Erase the program memory row addressed by TBLPTR on the next WR command
(cleared by completion of erase operation)
0
= Perform write-only
bit 3
WRERR: Flash Program Error Flag bit(1)
1
= A write operation is prematurely terminated (any Reset during self-timed programming in normal
operation or an improper write attempt)
0
= The write operation completed
bit 2
WREN: Flash Program Write Enable bit
1
= Allows write cycles to Flash program
0
= Inhibits write cycles to Flash program
bit 1
WR: Write Control bit
1
= Initiates a program memory erase cycle or write cycle
(The operation is self-timed and the bit is cleared by hardware once write is complete.
The WR bit can only be set (not cleared) in software.)
0
= Write cycle complete
bit 0
Unimplemented: Read as ‘0’
Note 1:
When a WRERR occurs, the CFGS bit is not cleared. This allows tracing of the error condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com