Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4AM13 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 4AM13
Description  Silicon N-Channel/P-Channel Power MOS FET Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

4AM13 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  4AM13 Datasheet HTML 1Page - Hitachi Semiconductor 4AM13 Datasheet HTML 2Page - Hitachi Semiconductor 4AM13 Datasheet HTML 3Page - Hitachi Semiconductor 4AM13 Datasheet HTML 4Page - Hitachi Semiconductor 4AM13 Datasheet HTML 5Page - Hitachi Semiconductor 4AM13 Datasheet HTML 6Page - Hitachi Semiconductor 4AM13 Datasheet HTML 7Page - Hitachi Semiconductor 4AM13 Datasheet HTML 8Page - Hitachi Semiconductor 4AM13 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4AM13
2
Outline
Absolute Maximum Ratings (Ta = 25°C) (1 Unit)
Rating
Item
Symbol
Nch
Pch
Unit
Drain to source voltage
VDSS
60
–60
V
Gate to source voltage
VGSS
±20
±20
V
Drain current
ID
3
–3
A
Drain peak current
ID(pulse)*
1
12
–12
A
Body to drain diode reverse drain current
IDR
3
–3
A
Channel dissipation
Pch (Tc = 25°C)*2 28
W
Channel dissipation
Pch*2
4
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. 4 Devices operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com