Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCC0F3C Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0F3C
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0F3C Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0F3C Datasheet HTML 1Page - Balluff Korea Ltd. BCC0F3C Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC W415-0000-1A-003-SW0434-010
Order Code: BCC0F3C
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 233549
ETIM 6.0: EC001855
BCC0F3C_0.75_2022-06-12
1 / 2
Basic features
Application
Welding area
Approval/Conformity
CE
cULus
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
10 x D
Bending radius min., flexible cable
15 x D
Cable
Silicone welding spark resistant
black, 1 m
Cable diameter D
5.70 mm ±0.25 mm
Conductor cross-section
0.34 mm²
Connection
M12x1-Female, Straight, 5-pin, A-
coded
Connector configuration
Straight
Number of conductors
4
Number of pins
5
System
Molded
Electrical data
Operating voltage Ub
250 VDC / 250 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature UL max., fixed
routing
150 °C
Cable temperature UL max., flexible
routing
150 °C
Cable temperature, fixed routing
-40...200 °C
Cable temperature, flexible routing
-25...200 °C
IP rating
IP65
Interface
Switching output
Complementary
Material
Cable jacket material, note
welding spark resistant
Cable jacket, material
Silicone
Material contact carrier
PUR, special
Material contacts
Bronze
Material cover nut
Brass
PTFE coated
Material grip
PUR, special
Mechanical data
Cable jacket, color
black
Cable length L
1.00 m
Tightening torque pigtail
0.6 Nm
Remarks
Cable construction acc. to UL-AWM Style 4535
Halogen-free per IEC 60754
Maximum temperature at outer jacket from weld spatter/beads short-time 800°C.
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Similar Part No. - BCC0F3C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0F35 BALLUFF-BCC0F35 Datasheet
110Kb / 2P
Single-Ended Cordsets
0.74_2022-01-17
BCC0F36 BALLUFF-BCC0F36 Datasheet
110Kb / 2P
Single-Ended Cordsets
0.79_2022-06-12
BCC0F37 BALLUFF-BCC0F37 Datasheet
106Kb / 2P
Single-Ended Cordsets
0.46_2022-07-15
BCC0F3A BALLUFF-BCC0F3A Datasheet
108Kb / 2P
Single-Ended Cordsets
0.75_2022-06-12
BCC0F3J BALLUFF-BCC0F3J Datasheet
100Kb / 2P
Single-Ended Cordsets
0.72_2022-01-17
More results

Similar Description - BCC0F3C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com