Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6942 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYWUSB6942
Description  WirelessUSB EX Radio
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6942 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYWUSB6942 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6942 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6942 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6942 Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6942 Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6942 Datasheet HTML 11Page - Cypress Semiconductor CYWUSB6942 Datasheet HTML 12Page - Cypress Semiconductor CYWUSB6942 Datasheet HTML 13Page - Cypress Semiconductor CYWUSB6942 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PRELIMINARY
CYWUSB6941
Document #: 38-16004 Rev. *A
Page 13 of 14
© Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
13.0
Package Description
The CYWUSB6941 comes in a 42-ball FBGA package with package size of 7 x 5 x 1.2 mm and a ball pitch of 0.75 mm. All
dimensions are in millimeters (mm).
WirelessUSB™ EX is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are
the trademarks of their respective holders.
42-ball FBGA (7.0 x 5.0 x 1.2 mm) BA42
51-85139-*C
Figure 13-1. CYWUSB6941 Package Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com