Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS366A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS366A
Description  Hex TRI-STATE Inverting Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS366A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54LS366A Datasheet HTML 1Page - National Semiconductor (TI) DM54LS366A Datasheet HTML 2Page - National Semiconductor (TI) DM54LS366A Datasheet HTML 3Page - National Semiconductor (TI) DM54LS366A Datasheet HTML 4Page - National Semiconductor (TI) DM54LS366A Datasheet HTML 5Page - National Semiconductor (TI) DM54LS366A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
DM54LS
DM74LS
Symbol
Parameter
CL e 50 pF
RL e 667X
Units
CL e 50 pF
CL e 150 pF
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay Time Low
12
15
25
ns
to High Level Output
tPHL
Propagation Delay Time High
22
16
25
ns
to Low Level Output
tPZH
Output Enable Time to
24
30
35
ns
High Level Output
tPZL
Output Enable Time to
30
30
40
ns
Low Level Output
tPHZ
Output Disable Time from
25
20
ns
High Level Output (Note 6)
tPLZ
Output Disable Time from
20
20
ns
Low Level Output (Note 6)
Note 6
CL e 5 pF
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com