Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-12933 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-12933
Description  EL Inverter - 3v (Chasing)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-12933 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-12933 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EL Inverter - 3v (Chasing)
COM-1 2933 RO HS
   1
images are CC BY-NC-SA 3.0
Description: EL Inverters, if you are wanting to do anything with EL lighting you need
one, period. This 3V EL Inverter is a special type that is intended to be used with a
“chasing” EL wire. Unlike typical EL wires which only require a 2-pin connection,
Chasing EL wire types require a 4-pin connection three for the cascading or “chasing”
effect and one for common ground. Using this chasing inverter is as simple as it is to
opperate its non-chasing cousin. Simply insert two AA batteries for power, plug in
your Chasing EL Wire, and press the button to turn it on and select three different
lighting effects (Slow Chase, Fast Chase, and Super-Duper Fast Chase).
It is recommended that these inverters only run up to 5M of EL wire, you may not
have enough power to support longer lengths. Each inverter is also equipped with a
small belt clip making it easier to incorporate into mobile or e-textile projects.
Dimensions:
• Body - 3.5" x 1.3" x 1"
• Cable - 4.5" L
11/24/2015
https://www.sparkfun.com/products/12933


Similar Part No. - COM-12933

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-12934 SPARKFUN-COM-12934 Datasheet
95Kb / 1P
EL Wire Chasing Adapter Cable
11/24/2015
More results

Similar Description - COM-12933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM2007 ETC1-ELM2007 Datasheet
110Kb / 2P
EL INVERTER
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
EL Driver
logo
Vishay Siliconix
WIEL1 VISHAY-WIEL1 Datasheet
102Kb / 3P
Inverter for EL Panel
01-Oct-02
logo
List of Unclassifed Man...
NDL-104LP ETC2-NDL-104LP Datasheet
263Kb / 1P
SELF-EXCITED INVERTER FOR ELECTORULUMINESCENT (EL) LIGHT
logo
Sharma Electro Componen...
EL SHARMA-EL Datasheet
339Kb / 1P
EL series
logo
Crydom Inc.,
EL240A5R-05 CRYDOM-EL240A5R-05 Datasheet
843Kb / 7P
EL Series
EL240A10R-05 CRYDOM-EL240A10R-05 Datasheet
843Kb / 7P
EL Series
EL240A10R-24 CRYDOM-EL240A10R-24 Datasheet
843Kb / 7P
EL Series
logo
SparkFun Electronics
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
EL Inverter - Battery Pack
11/24/2015
COM-12934 SPARKFUN-COM-12934 Datasheet
95Kb / 1P
EL Wire Chasing Adapter Cable
11/24/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com