Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-12934 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-12934
Description  EL Wire Chasing Adapter Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-12934 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-12934 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EL Wire Chasing Adapter Cable
COM-1 2934 RO HS
images are CC BY-NC-SA 3.0
Description: This is an Chasing EL Wire Adapter Cable, a simple connector that
splits up the four wires in a Chasing EL wire allowing them to be individually powered
or controlled. On one side of this cable is a 4-pin JST SMP connector that can be
attached to a chasing EL wire, while on the other side are three 2-pin JST PHR-2
connectors which are used in more standard EL applications.
Two of the JST PHR-2 connectors are only equipped with one wire and one unused
pin while the last connector has two wires (this extra wire supports common ground).
With this adapter cable you will be able to use your Chasing EL Wires with our EL
Sequencer and EL Escudo Dos products!
Dimensions: 155mm (6") L
11/24/2015
https://www.sparkfun.com/products/12934


Similar Part No. - COM-12934

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-12933 SPARKFUN-COM-12933 Datasheet
97Kb / 1P
EL Inverter - 3v (Chasing)
11/24/2015
More results

Similar Description - COM-12934

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
69-ELBP-1 NTE-69-ELBP-1 Datasheet
109Kb / 1P
Battery Power Supply for EL Wire
69-ELD30 NTE-69-ELD30 Datasheet
104Kb / 1P
AC Power Supply for EL Wire
logo
Future Technology Devic...
US232R-10-BULK FTDI-US232R-10-BULK Datasheet
1Mb / 29P
Adapter cable
logo
Pepperl+Fuchs Inc.
ASKADP-015 PF-ASKADP-015 Datasheet
92Kb / 1P
Adapter cable
logo
SparkFun Electronics
COM-12933 SPARKFUN-COM-12933 Datasheet
97Kb / 1P
EL Inverter - 3v (Chasing)
11/24/2015
COM-14697 SPARKFUN-COM-14697 Datasheet
264Kb / 2P
Bendable EL Wire Blue 3m
7-16-18
COM-14700 SPARKFUN-COM-14700 Datasheet
133Kb / 2P
Bendable EL Wire - Purple 3m
7??6??8
logo
Pepperl+Fuchs Inc.
V1-G-3M-PUR-ABG-SUBD15 PF-V1-G-3M-PUR-ABG-SUBD15 Datasheet
1Mb / 3P
Adapter cable
2021-05-21
V1S-G-5M-PUR-ABG-SUBD9 PF-V1S-G-5M-PUR-ABG-SUBD9 Datasheet
1Mb / 3P
Adapter cable
2021-09-10
V19-G-1M-PUR-ABG-V423-G PF-V19-G-1M-PUR-ABG-V423-G Datasheet
1Mb / 3P
Adapter cable
2021-09-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com