Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3516 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MP3516
Description  VOLTAGE RANGE 1600 Volts CURRENT 35 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP3516 Datasheet(HTML) 2 Page - Rectron Semiconductor

  MP3516 Datasheet HTML 1Page - Rectron Semiconductor MP3516 Datasheet HTML 2Page - Rectron Semiconductor MP3516 Datasheet HTML 3Page - Rectron Semiconductor MP3516 Datasheet HTML 4Page - Rectron Semiconductor MP3516 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
10
5
2
1
0.5
0.2
30
20
1.6
1.2
1.4
0.6
0.4
0.8
1
0.2
RATING AND CHARACTERISTICS CURVES ( MP3516 )
FIG.3 SURGE FORWARD CURRENT CAPABILITY
FIG.1 TYPICAL INSTANTANEOUS FORWARD
CHARACTERITICS
HEAT SINK TEMPERATURE, (OC)
10
0
30
40
50
10
20
30
50
70
90
110
130
150
170
FIG.4 TYP
PICAL FORWARD CURRENT
DERATING CURVE
Pulse test
per one diode
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
0
1.0
10
100
1000
40
20
60
80
100
120
140
FIG.2
REVERSE CHARACTERISTICS
TA = 125
OC
T A = 25
O C
T =T Max.
0.5 ms Single Sine-Wave
1.0 Cycle
NUMBER OF CYCLE AT 60 Hz
MAXIMUM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com